Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR5SB23U Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TCR5SB23U
Description  200-mA CMOS Low-Dropout Regulators (Point Regulators)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB23U Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TCR5SB23U Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB23U Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB23U Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB23U Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB23U Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB23U Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB23U Datasheet HTML 10Page - Toshiba Semiconductor TCR5SB23U Datasheet HTML 11Page - Toshiba Semiconductor TCR5SB23U Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TCR5SB15U~TCR5SB50U
2011-10-31
8
Representative Typical Characteristics
1) Output Voltage vs. Input Voltage
2) Output Voltage vs. Output Current
TCR5SB15U
1.4
1.5
1.6
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF
0
60
100
200
Output current IOUT (mA)
20
40
80
120 140 160 180
TCR5SB18U
1.7
1.8
1.9
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
0
60
100
200
Output current IOUT (mA)
20
40
80
120 140 160 180
Input voltage VIN (V)
TCR5SB30U
0
1
4
6
0
3
6
1
2
4
5
CIN = 0.1 μF, COUT = 1 μF
2
3
5
150 mA
50 mA
IOUT = 10 mA
Input voltage VIN (V)
TCR5SB15U
0
1
4
6
0
1.5
2.0
0.5
1.0
CIN = 0.1 μF, COUT = 1 μF
2
3
5
150 mA
50 mA
IOUT = 10 mA
Input voltage VIN (V)
TCR5SB50U
0
3
6
1
2
4
5
CIN = 0.1 μF, COUT = 1 μF
0
1
4
6
2
3
5
150 mA
50 mA
IOUT = 10 mA
Input voltage VIN (V)
TCR5SB18U
0
1
4
6
0
1.5
3
0.5
1
2
2.5
CIN = 0.1 μF, COUT = 1 μF
2
3
5
150 mA
50 mA
IOUT = 10 mA


Similar Part No. - TCR5SB23U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB23 TOSHIBA-TCR5SB23 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB23A TOSHIBA-TCR5SB23A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
More results

Similar Description - TCR5SB23U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
Toshiba Semiconductor
TAR5S15 TOSHIBA-TAR5S15_07 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
FOSLINK SEMICONDUCTOR C...
FSP2114 FOSLINK-FSP2114 Datasheet
334Kb / 8P
   CMOS LOW DROPOUT REGULATORS
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   500-mA Low-Dropout CMOS Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com