Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5003 Datasheet(PDF) 5 Page - Texas Instruments

Part # 5003
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5003 Datasheet(HTML) 5 Page - Texas Instruments

  5003 Datasheet HTML 1Page - Texas Instruments 5003 Datasheet HTML 2Page - Texas Instruments 5003 Datasheet HTML 3Page - Texas Instruments 5003 Datasheet HTML 4Page - Texas Instruments 5003 Datasheet HTML 5Page - Texas Instruments 5003 Datasheet HTML 6Page - Texas Instruments 5003 Datasheet HTML 7Page - Texas Instruments 5003 Datasheet HTML 8Page - Texas Instruments 5003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
DRV2603 Demonstration Program
2
DRV2603 Demonstration Program
The DRV2603EVM-CT demo contains haptic effects which showcase the features and benefits of the
DRV2603. The sections below provide a detailed description of the included effects.
2.1
Modes and Effects Table
The effects preloaded on the DRV2603EVM-CT are listed in Table 1. The modes are selected using the
“+” and “–“ mode buttons in the center of the board. The current mode can be identified by the white LEDs
directly above the mode buttons. Buttons B1-B4 trigger the effects listed in the description column and will
change based on the selected mode.
Table 1. Mode and Effects Table
Mode
Button
Description
Actuator Mode
B1
Ramp-up and click
LRA
(Auto-Resonance On)
B2
Click and Ramp-down
Mode 0
LEDs Off
B3
Ramp-up and click
ERM
B4
Click and Ramp-down
LRA
B1
LRA Alert (Buzz)
(Auto-Resonance On)
LRA
Mode 1
B2
LRA Alert (Buzz)
(Auto-Resonance Off)
LED M4 On
B3
ERM Alert (Buzz)
ERM
B4
LED Flash (Visual Alert Only)
B1
Click with braking
B2
Click no braking
Mode 2
LRA
LED M3 On
(Auto-Resonance On)
B3
Double-click with braking
B4
Double-click no braking
B1
Keyboard Click (Click with braking)
B2
Spacebar Effect (Click and Release)
Mode 3
LRA (Auto-Resonance On)
LED M2 On
B3
Backspace Effect (Double-tick)
B4
Scroll Wheel Effect
B1
Click with braking
B2
Click no braking
Mode 4
ERM
LED M1 On
B3
Double-click with braking
B4
Double-click no braking
B1
B2
Mode 5
ERM and LRA
Concentration Game
LED M0 On
(Auto-Resonance On)
B3
B4
2.2
Description of the Modes
The modes above were created to showcase various benefits of the DRV2603. See the description of
each mode below for more details.
2.2.1
Mode 0 – Ramp and Fade Waveforms
Mode 0 is ramp effects which demonstrate transitional effect capabilities of both LRAs and ERMs.
2.2.2
Mode 1 – Buzz and Alerts
Mode 1 demonstrates an LRA with auto-resonance on, an LRA with auto-resonance off, and an ERM.
Compare the difference in strength between the LRA with and without auto-resonance.
5
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - 5003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5003 TI1-5003 Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
5003 TI1-5003 Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
logo
List of Unclassifed Man...
5003 ETC2-5003 Datasheet
462Kb / 1P
   THM TEST POINTS
logo
Schurter Inc.
5003 SCHURTER-5003 Datasheet
622Kb / 9P
   Appliance Inlet DC Filter, ECO Design, Front- or Rear Side Mounting
5003 SCHURTER-5003 Datasheet
629Kb / 9P
   Appliance Inlet DC Filter, ECO Design, Front- or Rear Side Mounting
More results

Similar Description - 5003

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
   evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
   LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
   LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com