Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPPB061NGCN-RC Datasheet(PDF) 3 Page - Texas Instruments

Part # LPPB061NGCN-RC
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPPB061NGCN-RC Datasheet(HTML) 3 Page - Texas Instruments

  LPPB061NGCN-RC Datasheet HTML 1Page - Texas Instruments LPPB061NGCN-RC Datasheet HTML 2Page - Texas Instruments LPPB061NGCN-RC Datasheet HTML 3Page - Texas Instruments LPPB061NGCN-RC Datasheet HTML 4Page - Texas Instruments LPPB061NGCN-RC Datasheet HTML 5Page - Texas Instruments LPPB061NGCN-RC Datasheet HTML 6Page - Texas Instruments LPPB061NGCN-RC Datasheet HTML 7Page - Texas Instruments LPPB061NGCN-RC Datasheet HTML 8Page - Texas Instruments LPPB061NGCN-RC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Actuators
DRV2603
MSP430
OUT
MSP
DRV
USB Power
External
Power
Power Select Pins
DRV2603 Driver
Increment Mode
Decrement Mode
ERM and LRA Actuators
Effect Buttons
Press to play haptic effects.
Programmer
Connector
www.ti.com
Getting Started
4
MSP430 Pin-Out
........................................................................................................... 16
1
Getting Started
The DRV2603 can be used as a demonstration or evaluation tool. When the DRV2603EVM-CT Evaluation
Module is powered on, a demo application automatically starts. To power the board, connect the
DRV2603EVM-CT to an available USB port on your computer using the included mini-USB cable. The
demo begins with a board power-up sequence and then will enter the demo effects mode. The four larger
buttons (B1-B4) can be used to sample haptic effects using both the ERM and LRA motor in the top right
corner. The two smaller mode buttons (“–“, “+”) are used to change between the different sets of effects.
See the DRV2603 Demonstration Program section for a more detailed description of the demo application.
Figure 1. Board Diagram
3
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - LPPB061NGCN-RC

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPP-100 ASTRODYNE-LPP-100 Datasheet
412Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
LPP-100 MEANWELL-LPP-100 Datasheet
335Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
LPP-100-12 ASTRODYNE-LPP-100-12 Datasheet
412Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
LPP-100-12 MEANWELL-LPP-100-12 Datasheet
335Kb / 2P
   100W Single Output with PFC Function
More results

Similar Description - LPPB061NGCN-RC

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
   evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
   LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
   LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com