Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-2GEJ104 Datasheet(PDF) 9 Page - Texas Instruments

Part # ERJ-2GEJ104
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ERJ-2GEJ104 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ERJ-2GEJ104 Datasheet HTML 5Page - Texas Instruments ERJ-2GEJ104 Datasheet HTML 6Page - Texas Instruments ERJ-2GEJ104 Datasheet HTML 7Page - Texas Instruments ERJ-2GEJ104 Datasheet HTML 8Page - Texas Instruments ERJ-2GEJ104 Datasheet HTML 9Page - Texas Instruments ERJ-2GEJ104 Datasheet HTML 10Page - Texas Instruments ERJ-2GEJ104 Datasheet HTML 11Page - Texas Instruments ERJ-2GEJ104 Datasheet HTML 12Page - Texas Instruments ERJ-2GEJ104 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
JP1
R3
R2
R1
VDD
DRV2603
EN
ERM/LRA
PWM
GND
OUT+
OUT-
MSP430
P3.0
PWM
VDD
P3.1
R8
EN
PWM
www.ti.com
Hardware Configuration
3.4
PWM Input Source
Figure 9. External PWM Input
The DRV2603 input signal can be driven by the on-board MSP430 PWM or an external PWM source. The
input source is selected by shorting or disconnecting JP1.
JP1
PWM Source
Shorted
MSP430
Open
External PWM using PWM testpoint
To set the DRV2603 enable pin high while using an external PWM source:
1. Enter Additional Hardware Modes by holding the "+" button until the actuator buzzes and the mode
LEDs blink.
2. Select Mode 3 (00011'b) using the increment mode button ("+").
3. In Mode 3, press one of the following buttons to enable the DRV2603.
B1 - disable the DRV2603
B2 - enable with LRA auto-resonance on
B3 - enable with LRA auto-resonance off
B4 - enable in ERM mode
4. If the DRV2603 is enabled, the "EN" LED will glow.
9
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - ERJ-2GEJ104

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-2GEJ104X PANASONIC-ERJ-2GEJ104X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
logo
Integrated Device Techn...
ERJ-2GEJ104X IDT-ERJ-2GEJ104X Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
ERJ-2GEJ104X RENESAS-ERJ-2GEJ104X Datasheet
2Mb / 20P
   Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
More results

Similar Description - ERJ-2GEJ104

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
   evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
   LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
   LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com