Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS49NLS18320 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS49NLS18320
Description  576Mb (x9, x18) Separate I/O RLDRAM??2 Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS49NLS18320 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS49NLS18320 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS49NLS18320 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS49NLS18320 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS49NLS18320 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS49NLS18320 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS49NLS18320 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS49NLS18320 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS49NLS18320 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS49NLS18320 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
IS49NLS96400,IS49NLS18320
Integrated Silicon Solution, Inc. – www.issi.com –
Rev. 00E, 06/20/2012
2
1 Package Ballout and Description 
1.1 576Mb (64Mx9) Separate I/O BGA Ball‐out (Top View) 
 
 
1
2
3
4
5678
9
10
11
12
A
VREF
VSS
VEXT
VSS
VSS
VEXT
TMS
TCK
B
VDD
DNU
3
DNU
3
VSSQ
VSSQ
Q0
D0
VDD
C
VTT
DNU
3
DNU
3
VDDQ
VDDQ
Q1
D1
VTT
D
A22
1
DNU
3
DNU
3
VSSQ
VSSQ
QK0#
QK0
VSS
E
A21
DNU
3
DNU
3
VDDQ
VDDQ
Q2
D2
A20
F
A5
DNU
3
DNU
3
VSSQ
VSSQ
Q3
D3
QVLD
G
A8
A6
A7
VDD
VDD
A2
A1
A0
H
BA2
A9
VSS
VSS
VSS
VSS
A4
A3
J
NF
2
NF
2
VDDVDD
VDDVDD
BA0
CK
K
DK
DK#
VDD
VDD
VDD
VDD
BA1
CK#
L
REF#
CS#
VSS
VSS
VSS
VSS
A14
A13
M
WE#
A16
A17
VDD
VDD
A12
A11
A10
N
A18
DNU
3
DNU
3
VSSQ
VSSQ
Q4
D4
A19
P
A15
DNU
3
DNU
3
VDDQ
VDDQ
Q5
D5
DM
R
VSS
DNU
3
DNU
3
VSSQ
VSSQ
Q6
D6
VSS
T
VTT
DNU
3
DNU
3
VDDQ
VDDQ
Q7
D7
VTT
U
VDD
DNU
3
DNU
3
VSSQ
VSSQ
Q8
D8
VDD
V
VREF
ZQ
VEXT
VSS
VSS
VEXT
TDO
TDI
Symbol
Description
Ball count
VDD
Supply voltage
16
VSS
Ground
16
VDDQ
DQ power supply
8
VSSQ
DQ Ground
12
VEXT
Supply voltage
4
VREF
Reference voltage
2
VTT
Termination voltage
4
A*
Address ‐ A0‐22
23
BA*
Banks ‐ BA0‐23
D*
Input data
9
Q*
Output data
9
DK*
Input data clock(Differential inputs)
2
QK*
Output data clocks(outputs)
2
CK*
Input clocks (CK, CK#)
2
DM
Input data mask
1
CS#,WE#,REF# Command control pins
3
ZQ
External impedance (25–60Ω)1
QVLD
Data valid
1
DNU,NF
Do not use, No function
22
T*
JTAG ‐ TCK,TMS,TDO,TDI
4
Total
144
NOTES:
1) Reserved for future use. This may
optionally be connected to GND.
2) Reserved for future use. This signal is
internally connected and has parasitic
characteristics of an address input signal.
This may optionally be connected to
GND.
3) No function. This signal is internally
connected and has parasitic
characteristics of a clock input signal.
This may optionally be connected to
GND.
4) Do not use. This signal is internally
connected and has parasitic
characteristics of a I/O. This may
optionally be connected to GND. Note
that if ODT is enabled, these pins will be
connected to VTT.
NOTES:
1) Reserved for future use. This may
optionally be connected to GND.
2) Reserved for future use. This signal is
internally connected and has parasitic
characteristics of an address input signal.
This may optionally be connected to
GND.
Notes:
1. Reserved for future use. This may optionally be 
connected to GND.
2. No function. This signal is internally connected and 
has parasitic characteristics of a clock input signal. 
This may optionally be connected to GND.
3. Do not use. This signal is internally connected and 
has parasitic characteristics of a I/O. This may 
optionally be connected to GND. Note that if ODT is 
enabled, these pins are High‐Z.


Similar Part No. - IS49NLS18320

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLS18320A ISSI-IS49NLS18320A Datasheet
978Kb / 36P
   8 internal banks
More results

Similar Description - IS49NLS18320

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLC96400 ISSI-IS49NLC96400 Datasheet
629Kb / 34P
   576Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
IS49NLS93200 ISSI-IS49NLS93200 Datasheet
596Kb / 34P
   288Mb (x9, x18) Separate I/O RLDRAM 2 Memory
IS49NLC93200 ISSI-IS49NLC93200 Datasheet
622Kb / 34P
   288Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
logo
Micron Technology
MT44K32M18 MICRON-MT44K32M18 Datasheet
6Mb / 111P
   576Mb: x18, x36 RLDRAM 3
MT49H32M9 MICRON-MT49H32M9 Datasheet
2Mb / 76P
   288Mb: x9, x18, x36 2.5V VEXT, 1.8V VDD, HSTL, CIO, RLDRAM II
logo
Renesas Technology Corp
R1Q6A7236ABG RENESAS-R1Q6A7236ABG_15 Datasheet
803Kb / 35P
   72-Mbit DDRII SRAM Separate I/O 2-word Burst
logo
NEC
UPD44324085 NEC-UPD44324085 Datasheet
360Kb / 32P
   36M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44164085 NEC-UPD44164085 Datasheet
375Kb / 32P
   18M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
logo
Renesas Technology Corp
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
PD44164095B RENESAS-PD44164095B_15 Datasheet
480Kb / 35P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com