Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMCF0603ZT0R00 Datasheet(PDF) 1 Page - Texas Instruments

Part # RMCF0603ZT0R00
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RMCF0603ZT0R00 Datasheet(HTML) 1 Page - Texas Instruments

  RMCF0603ZT0R00 Datasheet HTML 1Page - Texas Instruments RMCF0603ZT0R00 Datasheet HTML 2Page - Texas Instruments RMCF0603ZT0R00 Datasheet HTML 3Page - Texas Instruments RMCF0603ZT0R00 Datasheet HTML 4Page - Texas Instruments RMCF0603ZT0R00 Datasheet HTML 5Page - Texas Instruments RMCF0603ZT0R00 Datasheet HTML 6Page - Texas Instruments RMCF0603ZT0R00 Datasheet HTML 7Page - Texas Instruments RMCF0603ZT0R00 Datasheet HTML 8Page - Texas Instruments RMCF0603ZT0R00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
User's Guide
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
The DRV2603 is a haptic driver designed to control Linear Resonant Actuators (LRA) and Eccentric
Rotating Mass (ERM) motors. The DRV2603 provides many features which help eliminate the design
complexities of haptic motor control including reduced solution size, high efficiency output drive, simplified
control signaling, quick device startup, and auto-resonance frequency tracking.
The DRV2603EVM-CT Evaluation Module (EVM) is a complete demo and evaluation platform for the
DRV2603. The kit includes a microcontroller, linear actuator, eccentric rotating mass motor, samples
waveforms and capacitive touch buttons which can be used to completely demonstrate and evaluate the
DRV2603.
This document contains instructions for setup and operation of the DRV2603EVM-CT, as well as an in-
depth description and examples of haptic waveforms for LRA and ERM actuators.
Evaluation Kit Contents:
DRV2603EVM-CT Demo and Evaluation board
Mini-USB Cable
Needed for programming and advanced configuration:
Code Composer Studio™ (CCS) or IAR Embedded Workbench IDE for MSP430
EZ430-F2013, MSP430 LaunchPad (MSP-EXP430G2), or MSP430-FET430UIF hardware
programming tool
DRV2603EVM-CT Firmware
Code Composer Studio is a trademark of Texas Instruments.
I
2C is a trademark of N.B.X Corporation.
1
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - RMCF0603ZT0R00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RMCF0603ZT0R00 TI1-RMCF0603ZT0R00 Datasheet
1Mb / 26P
[Old version datasheet]   INA223EVM User?셲 Guide and Software Tutorial
RMCF0603ZT0R00 TI1-RMCF0603ZT0R00 Datasheet
713Kb / 27P
[Old version datasheet]   INA230EVM Evaluation Board and Software Tutorial
RMCF0603ZT0R00 TI-RMCF0603ZT0R00 Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
RMCF0603ZT0R00 TI-RMCF0603ZT0R00 Datasheet
1Mb / 14P
[Old version datasheet]   LM60440AQEVM Users Guide
February 2020
logo
Stackpole Electronics, ...
RMCF0603ZT0R00 SEI-RMCF0603ZT0R00 Datasheet
650Kb / 13P
   General Purpose Thick Film Standard Power and High-Power Chip Resistor
7/22/2022
More results

Similar Description - RMCF0603ZT0R00

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
   evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
   LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
   LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com