Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1005X5R0J104K Datasheet(PDF) 7 Page - Texas Instruments

Part # C1005X5R0J104K
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C1005X5R0J104K Datasheet(HTML) 7 Page - Texas Instruments

Back Button C1005X5R0J104K Datasheet HTML 3Page - Texas Instruments C1005X5R0J104K Datasheet HTML 4Page - Texas Instruments C1005X5R0J104K Datasheet HTML 5Page - Texas Instruments C1005X5R0J104K Datasheet HTML 6Page - Texas Instruments C1005X5R0J104K Datasheet HTML 7Page - Texas Instruments C1005X5R0J104K Datasheet HTML 8Page - Texas Instruments C1005X5R0J104K Datasheet HTML 9Page - Texas Instruments C1005X5R0J104K Datasheet HTML 10Page - Texas Instruments C1005X5R0J104K Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
Hardware Configuration
Figure 6. LRA Click and Release Effect
Figure 7. LRA Scroll Wheel Effect
2.2.5
Mode 4 – ERM Clicks
Mode 4 showcases ERM clicks and double clicks. Similarly to the LRA, compare the click with braking and
without braking and notice the sharper feel with braking.
2.2.6
Mode 5 – Concentration Game
Mode 5 is a game that incorporates the various LRA and ERM effects. This can be used to demonstrate
haptics in a real application.
To begin playing Concentration:
1. Press any of the large effect buttons.
2. The game will then count down.
3. Once the countdown completes, a button will light and an effect will play.
4. Repeat the pattern by pressing the same button.
5. After each successfully repeated pattern, the board will repeat the same pattern and add one
additional button to the sequence.
3
Hardware Configuration
The DRV2603EVM-CT is very flexible and can be used to completely evaluate the DRV2603. The
following sections list the various hardware configurations.
3.1
Input and Output Overview
The DRV2603EVM-CT allows complete evaluation of the DRV2603 though test points, jacks and
connectors. Table 2 gives a brief description of the hardware.
Table 2. Hardware Overview
Signal
Description
I/O
PWM
External DRV2603 PWM input
Input / Observe
EN
External DRV2603 enable control
Input / Observe
Filtered output test points for observation, connect to oscilloscope or
OUT+ / OUT-
Output
measurement equipment
OUT
Unfiltered output terminal block, connect to actuator
Output
USB
USB power (5V)
Input
VBAT
External Supply Power (2.5V-5.2V)
Input
SBW
MSP430 programming header
Input / Output
I
2C
MSP430 I
2C™ bus
Input / Output
7
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - C1005X5R0J104K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X5R0J104K TDK-C1005X5R0J104K Datasheet
9Mb / 64P
   TDK MLCC PRODUCT LINE
C1005X5R0J104K TDK-C1005X5R0J104K Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
C1005X5R0J104K050BA TDK-C1005X5R0J104K050BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005X5R0J104K050BA TDK-C1005X5R0J104K050BA_17 Datasheet
233Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1005X5R0J104K

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
   evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
   LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
   LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com