Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8711BC-B-IP Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI8711BC-B-IP
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711BC-B-IP Datasheet(HTML) 4 Page - Silicon Laboratories

  SI8711BC-B-IP Datasheet HTML 1Page - Silicon Laboratories SI8711BC-B-IP Datasheet HTML 2Page - Silicon Laboratories SI8711BC-B-IP Datasheet HTML 3Page - Silicon Laboratories SI8711BC-B-IP Datasheet HTML 4Page - Silicon Laboratories SI8711BC-B-IP Datasheet HTML 5Page - Silicon Laboratories SI8711BC-B-IP Datasheet HTML 6Page - Silicon Laboratories SI8711BC-B-IP Datasheet HTML 7Page - Silicon Laboratories SI8711BC-B-IP Datasheet HTML 8Page - Silicon Laboratories SI8711BC-B-IP Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Si87xx
4
Preliminary Rev. 0.5
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
VDD Supply Voltage
(Open Collector Output)
VDD
3—
30
V
Input Current
Si87xxA Devices
Si87xxB Devices
Si87xxC Devices
IF(ON)
3
6
3
15
30
15
mA
mA
mA
Operating Temperature (Ambient)
TA
–40
125
°C
Table 2. Electrical Characteristics
VDD = 5 V; GND = 0 V; TA = –40 to +125 °C; typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Parameters
Supply Voltage
VDD
Open collector output
3
30
V
Supply Current
IDD
Output high or low (VDD = 5 to 30 V)
1.7
mA
Input Current Threshold
IF(TH)
Si87xxA devices
Si87xxB devices
Si87xxC devices
3
6
3
mA
mA
mA
Input Current Rising
Edge Hysteresis
IHYS
Si87xxA devices
Si87xxB devices
Si87xxC devices
0.17
0.34
0.17
mA
mA
mA
Input Forward Voltage
(OFF)
VF(OFF) Measured at ANODE with respect to
CATHODE.
——
1
V
Input Forward Voltage
(ON)
VF(ON) Measured at ANODE with respect to
CATHODE.
1.7
2.8
V
Input Reverse
Breakdown Voltage
BVR
Ensures that reverse current is lim-
ited to a safe level.
–0.3
V
Input Capacitance
CI
f=100kHz,
VF =0V,
VF =2V
15
15
pF
pF
Logic Low Output
Voltage
VOL
IOL =3mA, VDD = 3.3 or 5 V
IOL =13mA, VDD =5.5 V
0.4
0.7
V
V
Logic High Output
Current
IOH
VDD =VOUT =5.5 V
VDD =VOUT =24V
0.5
1
µA
µA
Peak Output Current
IOPK
Peak DC collector current drive
(VDD =5V)
—50
mA
Output Low Impedance
ROL
——
54
Pull-up Resistor
RPU
Using internal pull-up
20
k
Enable High Min
VEH
2—
30
V
Enable Low Max
VEL
——
0.8
V
Enable High Current
Draw
IEH
VDD =VEH =5V
20
µA
Enable Low Current
Draw
IEL
VDD =5V, VEL = 0 V
–10
0
µA


Similar Part No. - SI8711BC-B-IP

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8711BC-B-IP SKYWORKS-SI8711BC-B-IP Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
More results

Similar Description - SI8711BC-B-IP

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
logo
Silicon Laboratories
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
SI873X SKYWORKS-SI873X Datasheet
951Kb / 23P
   Low Input Current LED Emulator, Logic Output Isolators
Revision 1.0 March, 2018
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
M-System Co.,Ltd.
5VS MSYSTEM-5VS Datasheet
96Kb / 2P
   Dual Channel Input/Output Isolators 5-UNIT
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
logo
M-System Co.,Ltd.
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
   Dual Channel Input/Output Isolators 5-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com