Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32676G4206K000 Datasheet(PDF) 9 Page - EPCOS

Part # B32676G4206K000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32676G4206K000 Datasheet(HTML) 9 Page - EPCOS

Back Button B32676G4206K000 Datasheet HTML 5Page - EPCOS B32676G4206K000 Datasheet HTML 6Page - EPCOS B32676G4206K000 Datasheet HTML 7Page - EPCOS B32676G4206K000 Datasheet HTML 8Page - EPCOS B32676G4206K000 Datasheet HTML 9Page - EPCOS B32676G4206K000 Datasheet HTML 10Page - EPCOS B32676G4206K000 Datasheet HTML 11Page - EPCOS B32676G4206K000 Datasheet HTML 12Page - EPCOS B32676G4206K000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max
70
°C
10 kHz
A
IRMS,max
70
°C
20 kHz
A
ESRtyp
70
°C
10 kHz
m
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,85 °C = 750 V DC, Vop,70 °C = 900 V DC
2.0
24.0
× 15.0 × 41.5
B32676T1205+000
7.5
7.5
10.0
1040
2.7
24.0
× 19.0 × 41.5
B32676T1275+000
8.5
8.5
8.0
780
4.7
20.0
× 39.5 × 42.0 10.2 B32676G1475+000 11.0
10.0
7.8
640
5.6
20.0
× 39.5 × 42.0 10.2 B32676G1565+000 11.5
10.5
7.1
640
6.8
28.0
× 37.0 × 42.0 20.3 B32676G1685+000 12.5
11.5
6.7
440
9.0
28.0
× 42.5 × 42.0 20.3 B32676G1905+000 14.0
13.0
6.0
440
10
30.0
× 45.0 × 42.0 20.3 B32676G1106+000 15.0
14.0
5.8
400
12
33.0
× 48.0 × 42.0 20.3 B32676G1126+000 19.5
19.0
2.7
192
VR,85 °C = 875 V DC, Vop,70 °C = 1050 V DC
1.5
24.0
× 15.0 × 41.5
B32676T8155+000
7.0
7.0
12.0
1040
2.0
24.0
× 19.0 × 41.5
B32676T8205+000
8.0
7.5
9.0
780
3.3
20.0
× 39.5 × 42.0 10.2 B32676G8335+000 11.0
10.0
11.0
640
4.0
20.0
× 39.5 × 42.0 10.2 B32676G8405+000 11.5
10.5
9.8
640
4.7
28.0
× 37.0 × 42.0 20.3 B32676G8475+000 12.5
11.5
8.6
440
6.8
28.0
× 42.5 × 42.0 20.3 B32676G8685+000 14.0
13.0
8.3
440
7.5
30.0
× 45.0 × 42.0 20.3 B32676G8755+000 15.0
14.0
8.0
400
10
33.0
× 48.0 × 42.0 20.3 B32676G8106K000 19.5
19.0
3.7
192
B32676
MKP DC link
high power series
Page 9 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32676G4206K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32676G4206K000 EPCOS-B32676G4206K000 Datasheet
370Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32676G4206K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com