Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFE2500-48-S Datasheet(PDF) 2 Page - TDK Electronics

Part # HFE2500-48-S
Description  2500W 1U Front End Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HFE2500-48-S Datasheet(HTML) 2 Page - TDK Electronics

  HFE2500-48-S Datasheet HTML 1Page - TDK Electronics HFE2500-48-S Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
59
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A6: Oct 2012
HFE2500 Series
Output
Adjust
Max Current
Max Power
Max Current
Max Power
Model
Voltage
Range(1)
(Vin>170VAC)
(Vin>170VAC)
(100<Vin<170VAC)(2)
(100<Vin<170VAC)(2)
HFE2500-12
12V
9.6 - 13.2V
200A
2400W
125A
1500W
HFE2500-12/S
12V
9.6 - 13.2V
200A
2400W
125A
1500W
HFE2500-24
24V
19.2 - 29V
104A
2496W
62A
1488W
HFE2500-24/S
24V
19.2 - 29V
104A
2496W
62A
1488W
HFE2500-48
48V
38.4 - 58V
52A
2496W
31A
1488W
HFE2500-48/S
48V
38.4 - 58V
52A
2496W
31A
1488W
Load
Line
Ripple &
Efficiency
Model
Reg
Reg
Noise(1)
(%)(3)
I2C
HFE2500-12
60mV
30mV
240mV
90 / 92%
-
HFE2500-12/S
60mV
30mV
240mV
90 / 92%
Yes
HFE2500-24
120mV
60mV
240mV
90 / 92%
-
HFE2500-24/S
120mV
60mV
240mV
90 / 92%
Yes
HFE2500-48
240mV
120mV
480mV
91 / 93%
-
HFE2500-48/S
240mV
120mV
480mV
91 / 93%
Yes
Model Selector
Model
Description
Maximum Rack Current
HFE2500-S1U
Four slot 19” rack, IEC320-C20 input connector
320A each side (640A total)
HFE2500-S1U-TB
Four slot 19” rack, Terminal Block input connector
320A each side (640A total)
HFE2500/BP
One slot blanking panel, two provided with each rack
-
Accessories
For Additional Information, please visit
us.tdk-lambda.com/lp/products/hfe-series.htm
Outline HFE2500S1U
(3)
At 75% load, 100 / 230VAC input
445.0 ±1.0
A
A
A
A
HOLES FOR BLANK
PANEL MOUNTING.
USE FLAT HEAD SCREW
M3x6 8 PLACES
MARKED "A"
SEE NOTE 2.
MODEL KEY
FOR DIFFERENT
OUTPUT VOLTAGE
MODELS.
13.0 TYPx2
13.0 TYP x2
M5 HOLES FOR
MOUNTING BRACKETS.
4 PLACES
SEE NOTE 3.
483.0 ±1.0
466.2 ±1.0
SEE NOTE 1.
17.0 TYPx2
22.0 TYP x2
125.8
82.5
61.0
214.5
88.5
273.6
MODULE "A"
MODULE "C"
MODULE "D"
OUTPUT
BUS BAR "-V"
OUTPUT
BUS BAR "+V"
OUTPUT
BUS BAR "-V"
OUTPUT
BUS BAR "+V"
PMBUS ADRESS
SEE NOTE 4.
MODULE "B"
AIR FLOW
DIRECTION
SEE NOTE 5.
MODULE "A"
MODULE "B"
MODULE "C"
MODULE "D"
CONNECTOR DESCRIPTION: IPLT1-120-01-L-D-RA(SAMTEC)
SIGNALS & CONTROL CONNECTOR PINS ASSIGNMENT
MATING CONNECTOR: IPD1-20-D (SAMTEC)
1
40
2
39
4. REFER TO INSTRUCTION MANUAL FOR SETTING DETAILS.
5. MODEL NAME, VOLTAGE AND CURRENT RATING AND
SAFETY APPROVALS SYMBOLS WILL BE SHOWN HERE
ACCORDING TO THE SPECIFICATION.
6. THE HFE-S1U RACK IS SHOWN WITH 4 HFE2500
UNITS INSTALLED.
NOTES
1. MOUNTING HOLES FOR RACK 19". USE M6x12 SCREWS TO FIX THE
UNIT TO A RACK.
2. USE NUT,FLAT WASHER AND SPRING WASHER FOR LOAD WIRES
FIXING. USE LUG STUD M6 FOR LOAD WIRES.RECOMMENDED
TORQUE: 42-56 Kgf.cm
3. TO FIX THE MOUNTING BRACKET TO THE CHASSIS USE M5x10 SEMS
SCREWS .RECOMMENDED TIGHTENING TORQUE 27~31Kgf.cm.
SCREWS MUST NOT PENETRATE THE CHASSIS MORE THAN 6.0 mm.


Similar Part No. - HFE2500-48-S

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HFE2500-48-S TDK-HFE2500-48-S Datasheet
189Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - HFE2500-48-S

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TH200048 TDK-TH200048 Datasheet
419Kb / 2P
   1200 to 2500W Front End Power Supplies
RFE1600 TDK-RFE1600 Datasheet
705Kb / 2P
   1600W 1U Front End Power Supplies
HFE1600 TDK-HFE1600 Datasheet
1,001Kb / 2P
   1600W 1U Front End Power Supplies
FPSS1U TDK-FPSS1U Datasheet
278Kb / 2P
   1000W Front End Power Supplies
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
   54mm 1U Front End HVDC Power Supply Converter
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Bel Fuse Inc.
PFE1500 BEL-PFE1500 Datasheet
2Mb / 27P
   AC-DC FRONT-END POWER SUPPLIES
logo
Murata Power Solutions ...
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com