Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8301DCAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8301DCAR
Description  Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8301DCAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8301DCAR Datasheet HTML 3Page - Texas Instruments DRV8301DCAR Datasheet HTML 4Page - Texas Instruments DRV8301DCAR Datasheet HTML 5Page - Texas Instruments DRV8301DCAR Datasheet HTML 6Page - Texas Instruments DRV8301DCAR Datasheet HTML 7Page - Texas Instruments DRV8301DCAR Datasheet HTML 8Page - Texas Instruments DRV8301DCAR Datasheet HTML 9Page - Texas Instruments DRV8301DCAR Datasheet HTML 10Page - Texas Instruments DRV8301DCAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DRV8301
www.ti.com
SLOS719
– AUGUST 2011
RECOMMENDED OPERATING CONDITIONS
MIN
TYP MAX
UNITS
PVDD1
DC supply voltage PVDD1 for normal operation
Relative to PGND
8
60
V
PVDD2
DC supply voltage PVDD2 for buck converter
3.5
60
V
CAVDD
External capacitance on AVDD pin (ceramic cap) 20% tolerance
1
µF
CDVDD
External capacitance on DVDD pin (ceramic cap) 20% tolerance
1
µF
CGVDD
External capacitance on GVDD pin (ceramic cap) 20% tolerance
2.2
µF
CCP
Flying cap on charge pump pins (between CP1 and CP2) (ceramic cap) 20% tolerance
22
nF
CBST
Bootstrap cap (ceramic cap)
100
nF
IDIN_EN
Input current of digital pins when EN_GATE is high
100
µA
IDIN_DIS
Input current of digital pins when EN_GATE is low
1
µA
CDIN
Maximum capacitance on digital input pin
10
pF
CO_OPA
Maximum output capacitance on outputs of shunt amplifier
20
pF
Dead time control resistor range. Time range is 50ns (-GND) to 500ns (150k
Ω) with a
RDTC
0
150
k
linear approximation.
IFAULT
FAULT pin sink current. Open-drain
V = 0.4 V
2
mA
IOCTW
OCTW pin sink current. Open-drain
V = 0.4 V
2
mA
VREF
External voltage reference voltage for current shunt amplifiers
2
6
V
Qg(TOT) = 25 nC or total 30 mA gate
fgate
Operating switching frequency of gate driver
200
kHz
drive average current
TA
Ambient temperature
–40
125
°C
ELECTRICAL CHARACTERISTICS
PVDD = 8-60 V, TC = 25°C, unless specified under test condition
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
INPUT PINS: INH_X, INL_X, M_PWM (SCS), M_OC (SDI), GAIN(SDO), EN_GATE, DC_CAL
VIH
High input threshold
2
V
VIL
Low input threshold
0.8
V
REN_GATE
Internal pull down resistor for EN_GATE
100
k
Ω
Internal pull down resistor for high side PWMs
RINH_X
EN_GATE high
100
k
Ω
(INH_A, INH_B, and INH_C)
Internal pull down resistor for low side PWMs
RINH_X
EN_GATE high
100
k
Ω
(INL_A, INL_B, and INL_C)
RSCS
Internal pull down resistor for SCS
EN_GATE high
100
k
Ω
RSDI
Internal pull down resistor for SDI
EN_GATE high
100
k
Ω
RDC_CAL
Internal pull down resistor for DC_CAL
EN_GATE high
100
k
Ω
RSCLK
Internal pull down resistor for SCLK
EN_GATE high
100
k
Ω
OUTPUT PINS: FAULT AND OCTW
VOL
Low output threshold
IO = 2 mA
0.4
V
External 47 k
Ω pull up resistor connected to
VOH
High output threshold
2.4
V
3-5.5 V
Leakage Current on Open Drain Pins When
IOH
1
µA
Logic High (FAULT and OCTW)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DRV8301


Similar Part No. - DRV8301DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8301DCAR TI-DRV8301DCAR Datasheet
387Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301DCAR TI1-DRV8301DCAR Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
More results

Similar Description - DRV8301DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8301 TI-DRV8301 Datasheet
387Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI1-DRV8301_14 Datasheet
408Kb / 28P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8302 TI1-DRV8302 Datasheet
351Kb / 21P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator ??Hardware Controlled
AUGUST2011
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303EVM TI1-DRV8303EVM Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
[Old version datasheet]   AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
[Old version datasheet]   AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
[Old version datasheet]   DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
DRV8305-Q1 TI-DRV8305-Q1_15 Datasheet
117Kb / 6P
[Old version datasheet]   DRV8305-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com