Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3010 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3010
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3010 Datasheet(HTML) 1 Page - Linear Technology

  LT3010 Datasheet HTML 1Page - Linear Technology LT3010 Datasheet HTML 2Page - Linear Technology LT3010 Datasheet HTML 3Page - Linear Technology LT3010 Datasheet HTML 4Page - Linear Technology LT3010 Datasheet HTML 5Page - Linear Technology LT3010 Datasheet HTML 6Page - Linear Technology LT3010 Datasheet HTML 7Page - Linear Technology LT3010 Datasheet HTML 8Page - Linear Technology LT3010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3013
1
3013fe
TYPICAL APPLICATION
DESCRIPTION
250mA, 4V to 80V
Low Dropout Micropower
Linear Regulator with PWRGD
The LT®3013 is a high voltage, micropower low dropout
linear regulator. The device is capable of supplying 250mA
of output current with a dropout voltage of 400mV. Designed
for use in battery-powered or high voltage systems, the low
quiescent current (65μA operating and 1μA in shutdown)
makes the LT3013 an ideal choice. Quiescent current is
also well controlled in dropout.
Other features of the LT3013 include a PWRGD flag to
indicate output regulation. The delay between regulated
output level and flag indication is programmable with
a single capacitor. The LT3013 also has the ability to
operate with very small output capacitors. The regulator
is stable with only 3.3μF on the output while most older
devices require between 10μF and 100μF for stability.
Small ceramic capacitors can be used without any need
for series resistance (ESR) as is common with other
regulators. Internal protection circuitry includes reverse-
battery protection, current limiting, thermal limiting and
reverse current protection.
The device is available with an adjustable output with a
1.24V reference voltage. The LT3013 regulator is available
in the thermally enhanced 16-lead TSSOP and the low
profile (0.75mm), 12-pin (4mm × 3mm) DFN package,
both providing excellent thermal characteristics.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n Wide Input Voltage Range: 4V to 80V
n Low Quiescent Current: 65μA
n Low Dropout Voltage: 400mV
n Output Current: 250mA
n No Protection Diodes Needed
n Adjustable Output from 1.24V to 60V
n 1μA Quiescent Current in Shutdown
n Stable with 3.3μF Output Capacitor
n Stable with Aluminum, Tantalum or Ceramic
Capacitors
n Reverse-Battery Protection
n No Reverse Current Flow from Output to Input
n Thermal Limiting
n Thermally Enhanced 16-Lead TSSOP and
12-Pin (4mm × 3mm) DFN Package
n Low Current High Voltage Regulators
n Regulator for Battery-Powered Systems
n Telecom Applications
n Automotive Applications
5V Supply with Shutdown
1μF
VIN
5.4V TO
80V
3013 TA01
VOUT
5V
250mA
VSHDN
<0.3V
>2.0V
OUTPUT
OFF
ON
3.3μF
750k
249k
1.6M
IN
LT3013
SHDN
PWRGD
OUT
ADJ
CT
GND
1000pF
OUTPUT CURRENT (mA)
0
250
300
400
350
200
3013 TA02
200
150
50
100
150
250
100
50
0
Dropout Voltage


Similar Part No. - LT3010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3010 LINER-LT3010 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3010 LINER-LT3010 Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
logo
Linear Dimensions Semic...
LT3010 LINEAR_DIMENSIONS-LT3010 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LT3010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B Datasheet
214Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012_15 Datasheet
188Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013MPFE LINER-LT3013MPFE Datasheet
212Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com