Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1761 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1761
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1761 Datasheet HTML 7Page - Linear Technology LT1761 Datasheet HTML 8Page - Linear Technology LT1761 Datasheet HTML 9Page - Linear Technology LT1761 Datasheet HTML 10Page - Linear Technology LT1761 Datasheet HTML 11Page - Linear Technology LT1761 Datasheet HTML 12Page - Linear Technology LT1761 Datasheet HTML 13Page - Linear Technology LT1761 Datasheet HTML 14Page - Linear Technology LT1761 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3013
11
3013fe
PIN FUNCTIONS
NC (Pins 1, 9, 12)/(Pins 2, 12, 15): No Connect. These
pins have no internal connection; connecting NC pins
to a copper area for heat dissipation provides a small
improvement in thermal performance.
OUT (Pins 2, 3)/(Pins 3, 4): Output. The output supplies
power to the load. A minimum output capacitor of 3.3μF is
required to prevent oscillations. Larger output capacitors
will be required for applications with large transient loads
to limit peak voltage transients. See the Applications
Information section for more information on output
capacitance and reverse output characteristics.
ADJ (Pin 4)/(Pin 5): Adjust. This is the input to the error
amplifier. This pin is internally clamped to ±7V. It has a
bias current of 30nA which flows into the pin (see curve
of ADJ Pin Bias Current vs Temperature in the Typical
Performance Characteristics). The ADJ pin voltage is
1.24V referenced to ground, and the output voltage range
is 1.24V to 60V.
GND (Pins 5, 13)/(Pins 1, 6, 8, 9, 16, 17): Ground. The
exposed backside of the package is an electrical connection
for GND. As such, to ensure optimum device operation and
thermal performance, the exposed pad must be connected
directly to Pin 5/Pin 6 on the PC board.
PWRGD (Pin 6)/(Pin 7): Power Good. The PWRGD flag is
an open collector flag to indicate that the output voltage
has come up to above 90% of the nominal output voltage.
There is no internal pull-up on this pin; a pull-up resistor
must be used. The PWRGD pin will change state from an
open-collector to high impedance after both the output is
above 90% of the nominal voltage and the capacitor on
the CT pin has charged through a 1.6V differential. The
maximum pull-down current of the PWRGD pin in the low
state is 50μA.
SHDN (Pin 8)/(Pin 11): Shutdown. The SHDN pin is used
to put the LT3013 into a low power shutdown state. The
output will be off when the SHDN pin is pulled low. The
SHDNpincanbedriveneitherby5Vlogicoropen-collector
logic with a pull-up resistor. The pull-up resistor is only
required to supply the pull-up current of the open-collector
gate, normally several microamperes. If unused, the SHDN
pin must be tied to a logic high or VIN.
CT (Pin 7)/(Pin 10): Timing Capacitor. The CT pin allows
the use of a small capacitor to delay the timing between
the point where the output crosses the PWRGD threshold
and the PWRGD flag changes to a high impedance state.
Current out of this pin during the charging phase is
3μA. The voltage difference between the PWRGD low
and PWRGD high states is 1.6V (see the Applications
Information Section).
IN (Pins 10, 11)/(Pins 13,14): Input. Power is supplied
to the device through the IN pin. A bypass capacitor is
required on this pin if the device is more than six inches
away from the main input filter capacitor. In general, the
output impedance of a battery rises with frequency, so it is
advisable to include a bypass capacitor in battery-powered
circuits. A bypass capacitor in the range of 1μF to 10μF is
sufficient. The LT3013 is designed to withstand reverse
voltages on the IN pin with respect to ground and the OUT
pin. In the case of a reversed input, which can happen if
a battery is plugged in backwards, the LT3013 will act as
if there is a diode in series with its input. There will be
no reverse current flow into the LT3013 and no reverse
voltage will appear at the load. The device will protect both
itself and the load.
(DFN Package)/(TSSOP Package)


Similar Part No. - LT1761

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT1761 LINER-LT1761 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1761 LINER-LT1761 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1761 LINER-LT1761 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
More results

Similar Description - LT1761

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B Datasheet
214Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012_15 Datasheet
188Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013MPFE LINER-LT3013MPFE Datasheet
212Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com