Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM1885C1H181JA01D Datasheet(PDF) 11 Page - International Rectifier

Part # GRM1885C1H181JA01D
Description  6A HIGHLY INTERGRATED SUPLRBUCK
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM1885C1H181JA01D Datasheet(HTML) 11 Page - International Rectifier

Back Button GRM1885C1H181JA01D Datasheet HTML 7Page - International Rectifier GRM1885C1H181JA01D Datasheet HTML 8Page - International Rectifier GRM1885C1H181JA01D Datasheet HTML 9Page - International Rectifier GRM1885C1H181JA01D Datasheet HTML 10Page - International Rectifier GRM1885C1H181JA01D Datasheet HTML 11Page - International Rectifier GRM1885C1H181JA01D Datasheet HTML 12Page - International Rectifier GRM1885C1H181JA01D Datasheet HTML 13Page - International Rectifier GRM1885C1H181JA01D Datasheet HTML 14Page - International Rectifier GRM1885C1H181JA01D Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
- 11 -
AUGUST 08, 2012 | DATA SHEET | Rev 3.3
11
IR3898
6A Highly Integrated SupIRBuckTM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
83
85
87
89
91
93
95
97
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
Load Current (A)
1.0V
1.2V
1.8V
3.3V
5.0V
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
Load Current (A)
1.0V
1.2V
1.8V
3.3V
5.0V
TYPICAL EFFICIENCY AND POWER LOSS CURVES
PVin = 12V, Vcc = External 5V, Io = 0A-6A, Fs = 600 kHz, Room Temperature, No Air Flow. Note that the efficiency and power
loss curves include the losses of IR3898, the inductor losses and the losses of the input and output capacitors. The table
below shows the inductors used for each of the output voltages in the efficiency measurement.
VOUT (V)
LOUT (µH)
P/N
DCR (mΩ)
1.0
0.82
SPM6550T-R82M (TDK)
4.2
1.2
1.0
SPM6550T-1R0M (TDK)
4.7
1.8
1.0
SPM6550T-1R0M (TDK)
4.7
3.3
2.2
7443340220(Wurth Elektronik)
4.4
5
2.2
7443340220(Wurth Elektronik)
4.4


Similar Part No. - GRM1885C1H181JA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM1885C1H181JA01D IRF-GRM1885C1H181JA01D Datasheet
2Mb / 17P
   USER GUIDE FOR IR3898 EVALUATION BOARD
GRM1885C1H181JA01D IRF-GRM1885C1H181JA01D Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM1885C1H181JA01D IRF-GRM1885C1H181JA01D Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
GRM1885C1H181JA01D IRF-GRM1885C1H181JA01D Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
GRM1885C1H181JA01D IRF-GRM1885C1H181JA01D Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
More results

Similar Description - GRM1885C1H181JA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
logo
Protech Systems Co., Lt...
PA-3252 PROTECHSYSTEMS-PA-3252 Datasheet
1Mb / 2P
   The One of a kind Highly Intergrated 15" POS Terminal
POS-3520 PROTECHSYSTEMS-POS-3520 Datasheet
756Kb / 2P
   The One of a kind Highly Intergrated 15 POS Terminal
logo
Enpirion, Inc.
EN5367QI ENPIRION-EN5367QI Datasheet
1Mb / 22P
   6A Synchronous Highly Integrated DC-DC PowerSoC
logo
International Rectifier
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com