Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608X5R1C225M Datasheet(PDF) 8 Page - International Rectifier

Part # C1608X5R1C225M
Description  16A HIGHLY INTERGRATED SUPLRBUCK
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C1608X5R1C225M Datasheet(HTML) 8 Page - International Rectifier

Back Button C1608X5R1C225M Datasheet HTML 4Page - International Rectifier C1608X5R1C225M Datasheet HTML 5Page - International Rectifier C1608X5R1C225M Datasheet HTML 6Page - International Rectifier C1608X5R1C225M Datasheet HTML 7Page - International Rectifier C1608X5R1C225M Datasheet HTML 8Page - International Rectifier C1608X5R1C225M Datasheet HTML 9Page - International Rectifier C1608X5R1C225M Datasheet HTML 10Page - International Rectifier C1608X5R1C225M Datasheet HTML 11Page - International Rectifier C1608X5R1C225M Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
- 8 -P
AUGUST 08, 2012    | DATA SHEET|    Rev 3.1
8
IR3895 
16A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97746
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Accuracy  
0°C < Tj < 70°C ‐0.5  
+0.5 
 ‐40°C < Tj < 125°C, Note 3 ‐1.0  
+1.0 
Vref Margining Voltage 
 
Vref_marg  
0.4  
1.2 
Sink Current 
Isink_Vref 
Vref = 0.6V 
12.7 
16.0 
19.3 
µA 
Source Current 
Isrc_Vref 
Vref = 0.4V 
12.7 
16.0 
19.3 
Vref Comparator Threshold 
Vref_disable 
Vref pin connected externally  
 
0.15 
Vref_enable 
0.4  
 
Soft Start/Stop 
Soft Start Ramp Rate 
Ramp 
(SS_start) 
 
0.16 
0.2 
0.24 
mV/µs 
Soft Start Ramp Rate 
Ramp 
(SS_stop) 
 ‐0.24 ‐0.2 ‐0.16 
S_Ctrl Threshold 
High  
2.4  
 
Low  
 
 
0.6 
Power Good 
PGood Turn on Threshold 
VPG(on) 
Vsns Rising, 0.4V < Vref < 1.2V  85 
90  95 
% Vref 
Vsns Rising, Vref < 0.1V 
85 
90 
95 
% Vp 
PGood Lower Turn off Threshold 
VPG(lower) 
Vsns Falling, 0.4V < Vref < 1.2V 
80  
85 
90  
% Vref 
Vsns Falling, Vref < 0.1V 
80 
85 
90 
% Vp 
PGood Turn on Delay 
VPG(on)_Dly 
Vsns Rising, see VPG(on)   
1.28   
ms 
PGood Upper Turn off Threshold 
VPG(upper) 
Vsns Rising, 0.4V < Vref < 1.2V  115 
120 
125  
% Vref 
Vsns Rising, Vref < 0.1V 
115 
120 
125 
% Vp 
PGood Comparator Delay 
VPG(comp)_
Dly 
Vsns < VPG(lower) or  
Vsns > VPG(upper) 
3.5 
µs 
PGood Voltage Low 
PG(voltage) 
IPgood = ‐5mA   
  
0.5  
Tracker Comparator Upper 
Threshold 
VPG(tracker
_upper) 
Vp Rising, Vref < 0.1V   
0.4   
Tracker Comparator Lower 
Threshold 
VPG(tracker
_lower) 
Vp Falling, Vref < 0.1V   
0.3   
Tracker Comparator Delay 
Tdelay(track
er) 
Vp Rising, Vref < 0.1V,see 
VPG(tracker_upper) 
  
1.28   
ms 
Under‐Voltage Lockout 
Vcc‐Start Threshold 
VCC_UVLO_ 
Start 
Vcc Rising Trip Level 
4.0 
4.2 
4.4 
Vcc‐Stop Threshold 
VCC_UVLO_ 
Stop 
Vcc Falling Trip Level 
3.7 
3.9 
4.1 
Enable‐Start‐Threshold 
Enable_UVL
O_Start 
Supply ramping up 
1.14 
1.2 
1.26 


Similar Part No. - C1608X5R1C225M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C1608X5R1C225M IRF-C1608X5R1C225M Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
C1608X5R1C225M IRF-C1608X5R1C225M Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
C1608X5R1C225M IRF-C1608X5R1C225M Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
C1608X5R1C225M IRF-C1608X5R1C225M Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
C1608X5R1C225M IRF-C1608X5R1C225M Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
More results

Similar Description - C1608X5R1C225M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
logo
International Rectifier
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
logo
Protech Systems Co., Lt...
PA-3252 PROTECHSYSTEMS-PA-3252 Datasheet
1Mb / 2P
   The One of a kind Highly Intergrated 15" POS Terminal
POS-3520 PROTECHSYSTEMS-POS-3520 Datasheet
756Kb / 2P
   The One of a kind Highly Intergrated 15 POS Terminal
logo
Infineon Technologies A...
IR3829MTRPBF INFINEON-IR3829MTRPBF Datasheet
1Mb / 50P
   16A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3448 INFINEON-IR3448_16 Datasheet
2Mb / 51P
   16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com