Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32794D4824+000 Datasheet(PDF) 10 Page - EPCOS

Part # B32794D4824+000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32794D4824+000 Datasheet(HTML) 10 Page - EPCOS

Back Button B32794D4824+000 Datasheet HTML 6Page - EPCOS B32794D4824+000 Datasheet HTML 7Page - EPCOS B32794D4824+000 Datasheet HTML 8Page - EPCOS B32794D4824+000 Datasheet HTML 9Page - EPCOS B32794D4824+000 Datasheet HTML 10Page - EPCOS B32794D4824+000 Datasheet HTML 11Page - EPCOS B32794D4824+000 Datasheet HTML 12Page - EPCOS B32794D4824+000 Datasheet HTML 13Page - EPCOS B32794D4824+000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical data
Reference standard: IEC 61071, EN 61071, VDE 0560-120
Operating temperature range (case)
Max. operating temperature, Top,max
Upper category temperature Tmax
Lower category temperature Tmin
Note: At T > 85
°C de-rating for
VRMS (V AC) should be 1.5%/
°C
+105
°C
+85
°C
–40
°C
Capacitance drift in range
( 40
°C, 85 °C)
2% respect the value measured at reference conditions
Insulation Resistance Rins
given as time constant
τ = C
R
Rins, rel. humidity
≤ 65%
(minimum as-delivered values)
30 000 s
Test voltage between terminals
1.5
VR for 10 s
1.65
VR for 2 s
DC test voltage terminal to case (10 s)
2
VRMS + 1000 V AC (min. 2000 V AC) at 50 Hz
Maximum permissible overvoltage for
short operating periods (max 1 min/day)
1.3
VRMS
Maximum peak current (A)
Damp heat test
Limit values after damp heat test
56 days/40
°C/93% relative humidity
Capacitance change |
∆C/C |
≤ 5%
Dissipation factor change
∆ tan δ ≤ 1.5 · 10-3 (at 1 kHz)
Insulation resistance Rins
≥ 50% of minimum
as-delivered values
Change of temperature
In accordance with IEC 60068-2-14 (Test Nb)
Reliability:
Failure rate
λ
300 fit
Service life tSL
> 60 000 h at VRMS
For conversion to other operating conditions, refer to
chapter "Reliability" on page 439 from Data Book 2009.
Failure criteria:
Total failure
Short/open circuit
Failure due to
variation of
parameters
Capacitance change |
∆C/C |
≥ 10%
Dissipation factor change
∆ tan δ > 4 · upper limit value
Insulation resistance Rins
< 1500 M
(CR
≤0.33µF)
or time constant
τ = C
R · Rins
< 500 s (CR>0.33
µF)
B32794 ... B32798
MKP AC filtering
Page 10 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32794D4824+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32794D4824 EPCOS-B32794D4824 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794D4824 EPCOS-B32794D4824 Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32794D4824+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com