Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R0J226M Datasheet(PDF) 5 Page - International Rectifier

Part # C2012X5R0J226M
Description  4A HIGHLY INTEGRATED SUPLRBUCK
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C2012X5R0J226M Datasheet(HTML) 5 Page - International Rectifier

  C2012X5R0J226M Datasheet HTML 1Page - International Rectifier C2012X5R0J226M Datasheet HTML 2Page - International Rectifier C2012X5R0J226M Datasheet HTML 3Page - International Rectifier C2012X5R0J226M Datasheet HTML 4Page - International Rectifier C2012X5R0J226M Datasheet HTML 5Page - International Rectifier C2012X5R0J226M Datasheet HTML 6Page - International Rectifier C2012X5R0J226M Datasheet HTML 7Page - International Rectifier C2012X5R0J226M Datasheet HTML 8Page - International Rectifier C2012X5R0J226M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
- 5 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
5
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
ABSOLUTE MAXIMUM RATINGS 
 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are 
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the 
operational sections of the specifications are not implied. 
 
PVin, Vin 
‐0.3V  to  25V 
Vcc/LDO_Out ‐0.3V  to  8V (Note 2) 
Boot 
‐0.3V  to  33V 
SW ‐0.3V  to  25V (DC), ‐4V to 25V (AC, 100ns) 
Boot to SW 
‐0.3V  to  VCC + 0.3V (Note 1) 
S_Ctrl, PGood ‐0.3V  to  VCC + 0.3V (Note 1) 
Other Input/Output Pins 
‐0.3V  to  +3.9V 
PGnd to Gnd ‐0.3V  to  +0.3V 
Storage Temperature Range 
‐55°C  to  150°C 
Junction Temperature Range ‐40°C  to  150°C (Note 2) 
ESD Classification (HBM JESD22‐A114) 
2kV 
Moisture Sensitivity Level 
JEDEC Level 2@260°C  
 
Note 1: Must not exceed 8V 
Note 2: Vcc must not exceed 7.5V for Junction Temperature between ‐10°C and ‐40°C 
 


Similar Part No. - C2012X5R0J226M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C2012X5R0J226M IRF-C2012X5R0J226M Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
C2012X5R0J226M IRF-C2012X5R0J226M Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
C2012X5R0J226M IRF-C2012X5R0J226M Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
C2012X5R0J226M IRF-C2012X5R0J226M Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
C2012X5R0J226M IRF-C2012X5R0J226M Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
More results

Similar Description - C2012X5R0J226M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com