Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3898MTR1PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3898MTR1PBF
Description  6A HIGHLY INTERGRATED SUPLRBUCK
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3898MTR1PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3898MTR1PBF Datasheet HTML 3Page - International Rectifier IR3898MTR1PBF Datasheet HTML 4Page - International Rectifier IR3898MTR1PBF Datasheet HTML 5Page - International Rectifier IR3898MTR1PBF Datasheet HTML 6Page - International Rectifier IR3898MTR1PBF Datasheet HTML 7Page - International Rectifier IR3898MTR1PBF Datasheet HTML 8Page - International Rectifier IR3898MTR1PBF Datasheet HTML 9Page - International Rectifier IR3898MTR1PBF Datasheet HTML 10Page - International Rectifier IR3898MTR1PBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
- 7 -
AUGUST 08, 2012 | DATA SHEET | Rev 3.3
7
IR3898
6A Highly Integrated SupIRBuckTM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Zero-crossing Comparator Delay
Tdly_zc
Note 4
256/Fs
s
Zero-crossing Comparator Offset
Vos_zc
Note 4
-4
0
4
mV
Oscillator
Rt Voltage
Vrt
1.0
V
Frequency Range
Fs
Rt = 80.6K
270
300
330
kHz
Rt = 39.2K
540
600
660
Rt = 15.0K
1350
1500
1650
Ramp Amplitude
Vramp
Vin = 7.0V, Vin slew rate max =
1V/µs, Note 4
1.05
Vp-p
Vin = 12V, Vin slew rate max =
1V/µs, Note 4
1.80
Vin = 16V, Vin slew rate max =
1V/µs, Note 4
2.39
Vin =Vcc=5V, For external Vcc
operation, Note 4
0.75
Ramp Offset
Ramp(os)
Note 4
0.16
V
Min Pulse Width
Tmin(ctrl)
Note 4
60
ns
Max Duty Cycle
Dmax
Fs = 300kHz, PVin = Vin = 12V
86
%
Fixed Off Time
Toff
Note 4
200
250
ns
Sync Frequency Range
Fsync
270
1650
kHz
Sync Pulse Duration
Tsync
100
200
ns
Sync Level Threshold
High
3
V
Low
0.6
Error Amplifier
Input Offset Voltage
Vos_Vref
VFb – Vref, Vref = 0.5V
-1.5
+1.5
%
Vos_Vp
VFb – Vp, Vp = 0.5V
-1.5
+1.5
Input Bias Current
IFb(E/A)
-1
+1
µA
Input Bias Current
IVp(E/A)
0
+4
Sink Current
Isink(E/A)
0.4
0.85
1.2
mA
Source Current
Isource(E/A)
4
7.5
11
mA
Slew Rate
SR
Note 4
7
12
20
V/µs
Gain-Bandwidth Product
GBWP
Note 4
20
30
40
MHz
DC Gain
Gain
Note 4
100
110
120
dB
Maximum output Voltage
Vmax(E/A)
1.7
2.0
2.3
V
Minimum output Voltage
Vmin(E/A)
100
mV
Common Mode input Voltage
0
1.2
V
Reference Voltage
Feedback Voltage
Vfb
Vref and Vp pin floating
0.5
V
Accuracy
0°C < Tj < +70°C
-0.5
+0.5
%


Similar Part No. - IR3898MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898MTR1PBF IRF-IR3898MTR1PBF Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
More results

Similar Description - IR3898MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
logo
Protech Systems Co., Lt...
PA-3252 PROTECHSYSTEMS-PA-3252 Datasheet
1Mb / 2P
   The One of a kind Highly Intergrated 15" POS Terminal
POS-3520 PROTECHSYSTEMS-POS-3520 Datasheet
756Kb / 2P
   The One of a kind Highly Intergrated 15 POS Terminal
logo
Enpirion, Inc.
EN5367QI ENPIRION-EN5367QI Datasheet
1Mb / 22P
   6A Synchronous Highly Integrated DC-DC PowerSoC
logo
International Rectifier
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com