Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32794D8125+000 Datasheet(PDF) 8 Page - EPCOS

Part # B32794D8125+000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32794D8125+000 Datasheet(HTML) 8 Page - EPCOS

Back Button B32794D8125+000 Datasheet HTML 4Page - EPCOS B32794D8125+000 Datasheet HTML 5Page - EPCOS B32794D8125+000 Datasheet HTML 6Page - EPCOS B32794D8125+000 Datasheet HTML 7Page - EPCOS B32794D8125+000 Datasheet HTML 8Page - EPCOS B32794D8125+000 Datasheet HTML 9Page - EPCOS B32794D8125+000 Datasheet HTML 10Page - EPCOS B32794D8125+000 Datasheet HTML 11Page - EPCOS B32794D8125+000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
VRMS
V AC
VR
V DC
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS
60
°C
10 kHz
A
ESL
nH
ESR
10 kHz
m
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
400
1050
2.7
24.0
× 15.0 × 41.5
B32796T4275+000
7
21
15
1040
3.5
24.0
× 19.0 × 41.5
B32796T4355+000
8
23
13
780
7.5
20.0
× 39.5 × 42.0 10.2 B32796G4755+000 11
30
5.5
640
7.5
20.0
× 39.5 × 42.0
B32796E4755+000 10
30
5.5
640
10
28.0
× 37.0 × 42.0 10.2 B32796G4106+000 14
30
4.5
440
10
28.0
× 37.0 × 42.0
B32796E4106+000 13
30
4.5
440
13
30.0
× 45.0 × 42.0 20.3 B32796G4136+000 17
33
3.5
400
13
30.0
× 45.0 × 42.0
B32796E4136+000 16
33
3.5
400
16
33.0
× 48.0 × 42.5 20.3 B32796G4166+000 18
33
3.5
180
B32796
MKP AC filtering
Page 8 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32794D8125+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32794D8125 EPCOS-B32794D8125 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794D8125 EPCOS-B32794D8125 Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32794D8125+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com