Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3898 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3898
Description  6A HIGHLY INTERGRATED SUPLRBUCK
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3898 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3898 Datasheet HTML 2Page - International Rectifier IR3898 Datasheet HTML 3Page - International Rectifier IR3898 Datasheet HTML 4Page - International Rectifier IR3898 Datasheet HTML 5Page - International Rectifier IR3898 Datasheet HTML 6Page - International Rectifier IR3898 Datasheet HTML 7Page - International Rectifier IR3898 Datasheet HTML 8Page - International Rectifier IR3898 Datasheet HTML 9Page - International Rectifier IR3898 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
- 6 -
AUGUST 08, 2012 | DATA SHEET | Rev 3.3
6
IR3898
6A Highly Integrated SupIRBuckTM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
ELECTRICAL SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
SYMBOL
MIN
MAX
UNITS
Input Voltage Range*
PVin
1.0
21
V
Input Voltage Range**
Vin
6.8
21
Supply Voltage Range***
VCC
4.5
7.5
Supply Voltage Range
Boot to SW
4.5
7.5
Output Voltage Range
VO
0.5
0.86xVin
Output Current Range
IO
0
±6
A
Switching Frequency
FS
300
1500
kHz
Operating Junction Temperature
TJ
-40
125
°C
*Maximum SW node voltage should not exceed 25V.
**For internally biased single rail operation.
***Vcc/LDO_Out can be connected to an external regulated supply. If so, the Vin pin should be connected to Vcc/LDO_Out pin.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over, 6.8V < Vin = PVin < 21V, Vref = 0.5V in 0°C < TJ < 125°C.
Typical values are specified at Ta = 25°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Stage
Power Losses
PLOSS
Vin = 12V, VO = 1.2V, IO = 6A,
Fs = 600kHz, L = 1uH,
Vcc = 6.4V, Note 4
0.85
W
Top Switch
Rds(on)_Top
VBoot-Vsw= 6.4V,IO= 6A,Tj=25°C
17.5
22.5
mΩ
Bottom Switch
Rds(on)_Bot
Vcc = 6.4V, IO = 6A, Tj=25°C
11.4
14.8
Bootstrap Diode Forward Voltage
I(Boot) = 10mA
180
260
470
mV
SW Leakage Current
ISW
SW = 0V, Enable = 0V
1
µA
SW = 0V, Enable = high,
Vp = 0V
Dead Band Time
Tdb
Note 4
5
10
30
ns
Supply Current
VIN Supply Current (standby)
Iin(Standby)
EN = Low, No Switching
100
µA
VIN Supply Current (dynamic)
Iin(Dyn)
EN = High, Fs = 600kHz,
Vin = PVin = 21V
11
15
mA
Vcc/ LDO_Out
Output Voltage
Vcc
Vin(min) = 6.8V, Icc = 0-30mA,
Cload = 2.2uF, DCM = 0
6.0
6.4
6.7
V
Vin(min) = 6.8V, Icc = 0-30mA,
Cload = 2.2uF, DCM = 1
4.0
4.4
4.8
LDO dropout Voltage
Vcc_drop
Icc=30mA,Cload=2.2uF
0.7
V
Short Circuit Current
Ishort
70
mA


Similar Part No. - IR3898

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3898M IRF-IR3898M Datasheet
3Mb / 46P
   Single-Input Voltage, Synchronous Buck Regulator
IR3898MPBF IRF-IR3898MPBF Datasheet
2Mb / 17P
   USER GUIDE FOR IR3898 EVALUATION BOARD
IR3898MPBF IRF-IR3898MPBF Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3898MTR1PBF IRF-IR3898MTR1PBF Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
More results

Similar Description - IR3898

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
logo
Protech Systems Co., Lt...
PA-3252 PROTECHSYSTEMS-PA-3252 Datasheet
1Mb / 2P
   The One of a kind Highly Intergrated 15" POS Terminal
POS-3520 PROTECHSYSTEMS-POS-3520 Datasheet
756Kb / 2P
   The One of a kind Highly Intergrated 15 POS Terminal
logo
Enpirion, Inc.
EN5367QI ENPIRION-EN5367QI Datasheet
1Mb / 22P
   6A Synchronous Highly Integrated DC-DC PowerSoC
logo
International Rectifier
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com