Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32774D0205+000 Datasheet(PDF) 4 Page - EPCOS

Part # B32774D0205+000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32774D0205+000 Datasheet(HTML) 4 Page - EPCOS

  B32774D0205+000 Datasheet HTML 1Page - EPCOS B32774D0205+000 Datasheet HTML 2Page - EPCOS B32774D0205+000 Datasheet HTML 3Page - EPCOS B32774D0205+000 Datasheet HTML 4Page - EPCOS B32774D0205+000 Datasheet HTML 5Page - EPCOS B32774D0205+000 Datasheet HTML 6Page - EPCOS B32774D0205+000 Datasheet HTML 7Page - EPCOS B32774D0205+000 Datasheet HTML 8Page - EPCOS B32774D0205+000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Lead spacing 52.5 mm
Type
B32778
Page
9
VR (V DC)
450
575
800
900
1100
1300
CR (
µF)
20
25
27
30
35
40
45
50
55
60
75
80
100
110
B32774 ... B32778
MKP DC link
high density series
Page 4 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32774D0205+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32774D0205 EPCOS-B32774D0205 Datasheet
313Kb / 21P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32774D0205000 TDK-B32774D0205000 Datasheet
1Mb / 45P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32774D0205C000 EPCOS-B32774D0205C000 Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32774D0205J000 EPCOS-B32774D0205J000 Datasheet
280Kb / 21P
   Film Capacitors
B32774D0205K000 EPCOS-B32774D0205K000 Datasheet
280Kb / 21P
   Film Capacitors
More results

Similar Description - B32774D0205+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com