Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGP202A Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9FGP202A
Description  FREQUENCY TIMING GENERATOR FOR PERIPHERALS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGP202A Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9FGP202A Datasheet HTML 4Page - Integrated Device Technology 9FGP202A Datasheet HTML 5Page - Integrated Device Technology 9FGP202A Datasheet HTML 6Page - Integrated Device Technology 9FGP202A Datasheet HTML 7Page - Integrated Device Technology 9FGP202A Datasheet HTML 8Page - Integrated Device Technology 9FGP202A Datasheet HTML 9Page - Integrated Device Technology 9FGP202A Datasheet HTML 10Page - Integrated Device Technology 9FGP202A Datasheet HTML 11Page - Integrated Device Technology 9FGP202A Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
9FGP202A
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
IDT®
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
8
9FGP202A
REV D 070511
Electrical Characteristics–Input/Supply/Common Output Parameters
P ARAMETE R
SYMB OL
CONDITIONS*
MIN
TYP
MAX
UNITS
Notes
Input High Voltage
VIH
3.3 V +/-5%
2
VDD + 0.3
V
1
Input Low Voltage
V
IL
3.3 V +/-5%
V
SS - 0.3
0.8
V
1
Input High Current
I
IH
V
IN = V DD
-5
5
uA
1
IIL1
VIN = 0 V; Inputs with no pull-up
resistors
-5
uA
1
IIL2
VIN = 0 V ; Inputs with pull-up
resistors
-200
uA
1
Low Thresh old Input-
High Voltage
VIH_FS
3.3 V +/-5%
0.7
VDD + 0.3
V
1
Low Thresh old Input-
Low Voltage
V IL_FS
3.3 V +/-5%
VSS - 0.3
0.35
V
1
Operating Current
IDD3.3OP
all outputs driven
200
mA
1
all diff pairs driven
30
mA
1
all differential pairs tri-stated
8
mA
1
Input Frequency
F
i
V
DD = 3.3 V
25.00000
MHz
2
Pin Inductance
L
pi n
7nH
1
CIN
Logic Inputs
4
pF
1
COUT
Output pin capacitance
5
pF
1
CINX
X1 & X 2 pins
5
pF
1
Clk Stabiliza tion
TSTAB
From V DD Power-Up or de-
assertion of PD to 1st clock
2.5
ms
1
Modulation Frequency
Triangular Modulation
30
33
kHz
1
Tdrive_PD
CP U output enable after
PD de-assertion
300
us
1
Tfall_ PD
PD fall time of
5
ns
1
Trise_PD
PD rise time of
5
ns
1
SMBus Voltage
VDD
2.7
5.5
V
1
Low-level Output Voltage
V
OL
@ I
PUL LUP
0.4
V
1
Current sinking at
V
OL = 0.4 V
IPULLUP
4mA
1
SCLK/SDATA
Clock/Data Rise Time
T
RI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
1
SCLK/SDATA
Clock/Data Fall Time
TFI2C
(Min V IH + 0.15) to
(Max VIL - 0.15)
300
ns
1
*TA = 0 - 70°C; S upply Voltage VDD = 3.3 V +/-5%
1Guaranteed by design and characterization, not 100% tested in production.
2 Input frequ ency should be measured at the REF pin and tuned to ideal 25.00MHz to meet ppm frequency accuracy on PLL outputs.
Input L ow Current
Powerdown Current
IDD3.3PD
Input Capacitance


Similar Part No. - 9FGP202A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGP202AKLF RENESAS-9FGP202AKLF Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP202AKLFT RENESAS-9FGP202AKLFT Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
More results

Similar Description - 9FGP202A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
   Frequency Timing Generator for Peripherals
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
   Frequency Timing Generator for Peripherals
07/16/14
logo
Integrated Device Techn...
9FGP205 IDT-9FGP205 Datasheet
264Kb / 18P
   Frequency Timing Generator for Peripherals
logo
Renesas Technology Corp
9FGP204 RENESAS-9FGP204 Datasheet
320Kb / 19P
   Frequency Timing Generator for Peripherals
04/23/15
logo
Integrated Circuit Syst...
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
   Frequency Timing Generator for Transmeta Systems
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
   Frequency Timing Generator for Transmeta Systems
2019
logo
Integrated Circuit Syst...
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
   Frequency Timing Generator for PENDIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com