Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32774D4505+000 Datasheet(PDF) 5 Page - EPCOS

Part # B32774D4505+000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32774D4505+000 Datasheet(HTML) 5 Page - EPCOS

  B32774D4505+000 Datasheet HTML 1Page - EPCOS B32774D4505+000 Datasheet HTML 2Page - EPCOS B32774D4505+000 Datasheet HTML 3Page - EPCOS B32774D4505+000 Datasheet HTML 4Page - EPCOS B32774D4505+000 Datasheet HTML 5Page - EPCOS B32774D4505+000 Datasheet HTML 6Page - EPCOS B32774D4505+000 Datasheet HTML 7Page - EPCOS B32774D4505+000 Datasheet HTML 8Page - EPCOS B32774D4505+000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Ordering codes and packing units (lead spacing 27.5 mm)
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max
70
°C
10 kHz
A
IRMS,max
70
°C
20 kHz
A
ESRtyp
70
°C
10 kHz
m
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,70 °C = 450 V DC, Vop,85 °C = 450 V DC
5.0
11.0
× 21.0 × 31.5
B32774D4505+000
5.0
4.5
8.5
2352
10
15.0
× 24.5 × 31.5
B32774D4106+000
6.5
6.0
7.5
1680
22
22.0
× 36.5 × 31.5
B32774D4226+000
10.0
9.0
5.0
784
VR,70 °C = 800 V DC, Vop,85 °C = 700 V DC
3.0
11.0
× 21.0 × 31.5
B32774D8305+000
5.0
4.5
9.0
2352
5.0
14.0
× 24.5 × 31.5
B32774D8505+000
5.0
4.5
7.0
1848
12
22.0
× 36.5 × 31.5
B32774D8126+000
6.0
5.5
6.5
784
VR,70 °C = 1100 V DC, Vop,85 °C = 920 V DC
2.0
12.5
× 21.5 × 31.5
B32774D0205+000
4.0
3.5
11.0
2100
5.0
19.0
× 30.0 × 31.5
B32774D0505+000
6.5
6.0
7.0
896
7.0
22.0
× 36.5 × 31.5
B32774D0705+000
7.5
7.0
5.5
784
VR,70 °C = 1300 V DC, Vop,85 °C = 1100 V DC
1.5
12.5
× 21.5 × 31.5
B32774D1155+000
4.5
4.0
10.5
2100
3.0
18.0
× 27.5 × 31.5
B32774D1305+000
6.0
5.5
7.0
1428
5.0
22.0
× 36.5 × 31.5
B32774D1505+000
8.0
7.0
6.0
784
B32774
MKP DC link
high density series
Page 5 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32774D4505+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32774D4505 EPCOS-B32774D4505 Datasheet
313Kb / 21P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32774D4505000 TDK-B32774D4505000 Datasheet
1Mb / 45P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32774D4505C000 EPCOS-B32774D4505C000 Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32774D4505J000 EPCOS-B32774D4505J000 Datasheet
280Kb / 21P
   Film Capacitors
B32774D4505K000 EPCOS-B32774D4505K000 Datasheet
280Kb / 21P
   Film Capacitors
More results

Similar Description - B32774D4505+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com