Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPB200 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SMTPB200
Description  TELECOMMUNICATION PROTECTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SMTPB200 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SMTPB200 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SMTPB200 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
62V-270V
5.0W
SMTPB62 THRU SMTPB270
1
of
2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
D
D
D
D
D
R
epetitive peak pulse
current:I PP=100A,10/1000 s.
H
olding current:IH=150mA min
B
idirectional crowbar protection
V
oltage range:from 62V to 270V.
TELECOMMUNICATION PROTECTION
Tamb=50
5.0
W
10/1000
s
8/20
s
100
1
50
tp=20ms
50
A
tp=20ms
25
A
2s
VRM
5
kV/
µS
-55to+150
150
230
Symbol
Value
Unlt
Rth(j-l)
20
/W
Rth(j-a)
75
/W
I H
C
min.
note
3
max.
note
4
mA
PF
2
56
62
50
82
800
150
300
2
90
100
50
133
800
150
200
2
243
270
50
360
800
150
200
SMTPB270
2
61
68
50
90
800
150
300
2
108
120
50
160
800
150
200
2
117
130
50
173
800
150
200
2
162
180
50
240
800
150
200
2
180
200
50
267
800
150
200
2
198
220
50
293
800
150
200
2
216
240
50
320
800
150
200
SMTPB180
SMTPB200
SMTPB220
SMTPB240
SMTPB68
SMTPB100
SMTPB120
SMTPB130
SMTPB62
Type
IRM @ VRM
max.
A
V
VBO @ IBO
max.
note1
note
2
V
mA
Parameter
Junction to leads (Llead=10mm)
Junction to am bient
on printed circuit (Llead=10mm)
VR @ IR
m
in.
V
µA
Storage temperature range
Maximum junction temperature
Maximum lead temperature for soldering during 10s at 5mm form case
Power dissipation on infinite heatsink
Peak pulse current
Non repetitive surge peak on-state current
I
2t vallue for fusing
Critical rate of rise of off-state voltage
ITSM
I
2t
dV/dt
Tstg
T
j
THERMAL RESISTANCES
Symbol
Unit
Value
ABSOLUTE MAXIMUM RATINGS (TA=25
)
P
Ipp
Para meter
TL
2/10
s
A
500


Similar Part No. - SMTPB200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPB200 STMICROELECTRONICS-SMTPB200 Datasheet
55Kb / 5P
   TRISILTM
logo
Galaxy Semi-Conductor H...
SMTPB200 BILIN-SMTPB200 Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
More results

Similar Description - SMTPB200

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com