Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31AP4088D Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31AP4088D
Description  DUAL 2.6W STEREO AUDIO AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP4088D Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31AP4088D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP4088D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP4088D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP4088D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP4088D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP4088D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP4088D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP4088D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP4088D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IS31AP4088D
Integrated Silicon Solution, Inc. – www.issi.com
Rev.A, 11/29/2011
1
DUAL 2.6W STEREO AUDIO AMPLIFIER
December 2011
GENERAL DESCRIPTION
The IS31AP4088D is a dual bridge-connected audio
power amplifier which, when connected to a 5V supply,
will deliver 2.6W to a 4Ω load.
The IS31AP4088D features a low-power consumption
shutdown mode and thermal shutdown protection. It
also utilizes circuitry to reduce “clicks-and-pop” during
device turn-on.
APPLICATIONS
Cell phones, PDA, MP4,PMP
Portable and desktop computers
Desktops audio system
Multimedia monitors
KEY SPECIFICATIONS
PO at 1% THD+N, VDD = 5V
RL = 4Ω ----------------------- 2.1W (Typ.)
RL = 8Ω----------------------- 1.3W (Typ.)
PO at 10% THD+N, VDD = 5V
RL = 4Ω ----------------------- 2.6W (Typ.)
RL = 8Ω ----------------------- 1.6W (Typ.)
PO at 1% THD+N, VDD = 4V
RL = 4Ω ----------------------- 1.4W (Typ.)
RL = 8Ω ----------------------- 0.81W (Typ.)
Shutdown current ----------------------- 0.04μA (Typ.)
Supply voltage range -------------------- 2.7V ~ 5.5V
QFN-16 (4mm × 4mm) package
FEATURES
Suppress “click-and-pop”
Thermal shutdown protection circuitry
Micro power shutdown mode
TYPICAL APPLICATION CIRCUIT
R3
20K
R1
20K
R2
20K
R4
20K
VDD
-OUTA
+OUTA
+OUTB
-OUTB
BYPASS
GND
INA
INB
+
-
-
-
-
+
+
+
4
9
8
5,6,7,13,14,16
10
12
1
3
2,11
SHUTDOWN
15
VCC
VCC
C3
1uF
C4
1uF
C2
0.22uF
C1
0.22uF
WORKING
SHUTDOWN
INB
BNC
INA
BNC
Figure 1
Typical Audio Amplifier Application Circuit


Similar Part No. - IS31AP4088D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4088D-QFLS2-TR ISSI-IS31AP4088D-QFLS2-TR Datasheet
496Kb / 15P
   DUAL 2.6W STEREO AUDIO AMPLIFIER
More results

Similar Description - IS31AP4088D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4088D-QFLS2-TR ISSI-IS31AP4088D-QFLS2-TR Datasheet
496Kb / 15P
   DUAL 2.6W STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
PA3332 UTC-PA3332 Datasheet
271Kb / 10P
   2.6W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432_15 Datasheet
121Kb / 2P
   2.6W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3332 UTC-PA3332_15 Datasheet
285Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER
logo
SG Micro Corp
SGM4865 SGMICRO-SGM4865 Datasheet
320Kb / 10P
   2.6W Stereo Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
logo
Global Mixed-mode Techn...
G1453 GMT-G1453 Datasheet
490Kb / 1P
   2.6W Stereo Audio Amplifier with Shutdown Mode
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
logo
Unisonic Technologies
PA3312 UTC-PA3312_15 Datasheet
292Kb / 11P
   DUAL 2.6W AUDIO POWER AMPLIFIER
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com