Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSB10P12LCI Datasheet(PDF) 6 Page - Protek Devices

Part # VSB10P12LCI
Description  HIGH POWERED MULTI-LINE VSIP짰 TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

VSB10P12LCI Datasheet(HTML) 6 Page - Protek Devices

  VSB10P12LCI Datasheet HTML 1Page - Protek Devices VSB10P12LCI Datasheet HTML 2Page - Protek Devices VSB10P12LCI Datasheet HTML 3Page - Protek Devices VSB10P12LCI Datasheet HTML 4Page - Protek Devices VSB10P12LCI Datasheet HTML 5Page - Protek Devices VSB10P12LCI Datasheet HTML 6Page - Protek Devices VSB10P12LCI Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05015.R12 10/12
Page 6
VSIP® Series - A & B
10 PIn VSIP PAckAge InFoRmAtIon
oRdeRIng InFoRmAtIon
BASe PARt numBeR
(xx = Voltage)
leAdFRee SuFFIX
tAPe SuFFIX
Qty/Reel
Reel SIZe
tuBe Qty
VS10Pxx/VSB10Pxx
-LF
n/a
n/a
n/a
18
VS10PxxC/VSB10PxxC
-LF
n/a
n/a
n/a
18
VS10PxxLC/VSB10PxxLC
-LF
n/a
n/a
n/a
18
VS10PxxLCI/VSB10PxxLCI
-LF
n/a
n/a
n/a
18
noteS
1. Marking on Part - logo, part number, date code and pin one defined by dot on top of package.
2. This device available only in a lead-free configuration.
Package outline per document number 06017.R2 9/09
outlIne dImenSIonS
dIm
mIllImeteRS
IncHeS
mIn
mAX
mIn
mAX
A
25.65
26.01
1.01
1.024
B
5.68
6.45
0.244
0.254
C
5.92
6.73
0.233
0.265
D
0.406
0.508
0.016
0.020
E
1.27
1.65
0.05
0.065
F
2.49
2.59
0.098
0.102
G
0.38
1.40
0.015
0.055
H
2.65
3.17
0.104
0.125
I
7° TYP
7° TYP
7° TYP
7° TYP
J
1.47
1.98
0.058
0.078
K
0.20
0.30
0.008
0.012
L
0.81
1.57
0.032
0.062
noteS
1. Dimensions are exclusive of mold flash and metal burrs.
2. Controlling dimensions in inches.
J
K
L
I
H
C
B
D
E
A
F
G


Similar Part No. - VSB10P12LCI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSB1045-E3 VISHAY-VSB1045-E3 Datasheet
80Kb / 4P
   Low forward voltage drop, low power losses
Revision: 22-Apr-14
More results

Similar Description - VSB10P12LCI

ManufacturerPart #DatasheetDescription
logo
Protek Devices
VSIP PROTEC-VSIP Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
VSB06P05LCI PROTEC-VSB06P05LCI_11 Datasheet
654Kb / 6P
   high powered VSIP짰 tvs array
VSB06P05LCI PROTEC-VSB06P05LCI_12 Datasheet
655Kb / 6P
   HIGH POWERED VSIP짰 TVS ARRAY
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
   High powered multi-line tvs array
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
   High powered multi-line tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com