Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31CR60J107ME39L Datasheet(PDF) 10 Page - Enpirion, Inc.

Part # GRM31CR60J107ME39L
Description  9A Voltage Mode Synchronous Buck PWM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

GRM31CR60J107ME39L Datasheet(HTML) 10 Page - Enpirion, Inc.

Back Button GRM31CR60J107ME39L Datasheet HTML 6Page - Enpirion, Inc. GRM31CR60J107ME39L Datasheet HTML 7Page - Enpirion, Inc. GRM31CR60J107ME39L Datasheet HTML 8Page - Enpirion, Inc. GRM31CR60J107ME39L Datasheet HTML 9Page - Enpirion, Inc. GRM31CR60J107ME39L Datasheet HTML 10Page - Enpirion, Inc. GRM31CR60J107ME39L Datasheet HTML 11Page - Enpirion, Inc. GRM31CR60J107ME39L Datasheet HTML 12Page - Enpirion, Inc. GRM31CR60J107ME39L Datasheet HTML 13Page - Enpirion, Inc. GRM31CR60J107ME39L Datasheet HTML 14Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
EN2390QI
©
Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 10
Functional Block Diagram
Figure 4: Functional Block Diagram
Functional Description
Synchronous Buck Converter
The EN2390QI is a highly integrated synchronous,
buck converter with integrated controller, power
MOSFET switches and integrated inductor. The
nominal input voltage (PVIN) range is 4.5V to 14V
and can support up to 9A of continuous output
current. The output voltage is programmed using
an external resistor divider network. The control
loop utilizes a Type IV Voltage-Mode compensation
network and maximizes on a low-noise PWM
topology. Much of the compensation circuitry is
internal to the device. However, a phase lead
capacitor is required along with the output voltage
feedback resistor divider to complete the Type IV
compensation
network..
The
high
switching
frequency of the EN2390QI enables the use of
small size input and output capacitors, as well as a
wide loop bandwidth within a small foot print.
Protection Features:
The power supply has the following protection
features:
Programmable Over-Current Protection
Thermal Shutdown with Hysteresis.
Under-Voltage Lockout Protection
Additional Features:
Switching Frequency Synchronization.
Programmable Soft-Start
Power OK Output Monitoring


Similar Part No. - GRM31CR60J107ME39L

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
GRM31CR60J107ME39L VICOR-GRM31CR60J107ME39L Datasheet
1Mb / 39P
   8V to 36Vin Cool-Power
logo
Enpirion, Inc.
GRM31CR60J107ME39L ENPIRION-GRM31CR60J107ME39L Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
logo
Murata Manufacturing Co...
GRM31CR60J107ME39L MURATA-GRM31CR60J107ME39L Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
International Rectifier
GRM31CR60J107ME39L IRF-GRM31CR60J107ME39L Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
logo
Vicor Corporation
GRM31CR60J107ME39L VICOR-GRM31CR60J107ME39L Datasheet
1Mb / 30P
   8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
More results

Similar Description - GRM31CR60J107ME39L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN23F0QI ENPIRION-EN23F0QI Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5394QI ENPIRION-EN5394QI Datasheet
430Kb / 19P
   Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
   1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com