Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2452R Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD2452R
Description  Timing Generator for Progressive Scan CCD Image Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2452R Datasheet(HTML) 1 Page - Sony Corporation

  CXD2452R Datasheet HTML 1Page - Sony Corporation CXD2452R Datasheet HTML 2Page - Sony Corporation CXD2452R Datasheet HTML 3Page - Sony Corporation CXD2452R Datasheet HTML 4Page - Sony Corporation CXD2452R Datasheet HTML 5Page - Sony Corporation CXD2452R Datasheet HTML 6Page - Sony Corporation CXD2452R Datasheet HTML 7Page - Sony Corporation CXD2452R Datasheet HTML 8Page - Sony Corporation CXD2452R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
– 1 –
CXD2452R
E96830C9X
Timing Generator for Progressive Scan CCD Image Sensor
Description
The CXD2452R is a timing generator which generates
the timing pulses for performing progressive scan
readout
for
digital
still
cameras
and
personal
computer
image
input
applications
using
the
ICX098AK CCD image sensor.
Features
• Base oscillation frequency 36.81MHz (2340fH)
• Monitoring readout allowed
• High-speed/low-speed electronic shutter function
• Horizontal driver for CCD image sensor
• Signal processor IC system clock generation 1170fH,
780fH
• Vertical/horizontal sync (SSG) timing generation
Applications
• Digital still cameras
• Personal computer image input
Structure
Silicon gate CMOS IC
Pin Configuration
Absolute Maximum Ratings
• Supply voltage VDD
Vss – 0.5 to +7.0
V
• Input voltage
VI
Vss – 0.5 to VDD + 0.5
V
• Output voltage VO
Vss – 0.5 to VDD + 0.5
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–55 to +150
°C
Recommended Operating Conditions
• Supply voltage
VDDa, VDDb, VDDc, VDDd
3.0 to 3.6
V
• Operating temperature
Topr
–20 to +75
°C
Applicable CCD Image Sensors
ICX098AK (Type 1/4 CCD)
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
48 pin LQFP (Plastic)
2
3
4
5
6
7
8
9 10 11 12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
40
39
38
37
36 35 34
31
32
33
41
42
43
44
45
46
47
48
1
OSCI
OSCO
XV1
VDD7
XSUB
XV2
XSG2
XV3
VSS6
MCK
DSGAT
H2
VDD3
VDD4
XSHP
XSHD
VSS4
1/2MCK
XCLPDM
XRS
VDD5
PBLK
XSG1
3/2MCK
*Groups of pins enclosed in the fingure indicate sections for which power supply separationis possible.


Similar Part No. - CXD2452R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2450R SONY-CXD2450R Datasheet
374Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2453Q SONY-CXD2453Q Datasheet
997Kb / 21P
   Timing Generator for LCD Panels
CXD2457R SONY-CXD2457R Datasheet
380Kb / 37P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2458 SONY-CXD2458 Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
More results

Similar Description - CXD2452R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2460R SONY-CXD2460R Datasheet
341Kb / 36P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408AR SONY-CXD2408AR Datasheet
320Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408R SONY-CXD2408R Datasheet
487Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3611R SONY-CXD3611R Datasheet
429Kb / 49P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2434ATQ SONY-CXD2434ATQ Datasheet
521Kb / 26P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2437TQ SONY-CXD2437TQ Datasheet
590Kb / 33P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2457R SONY-CXD2457R Datasheet
380Kb / 37P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2434TQ SONY-CXD2434TQ Datasheet
1,013Kb / 27P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3609R SONY-CXD3609R Datasheet
898Kb / 72P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3607R SONY-CXD3607R Datasheet
381Kb / 39P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2424R SONY-CXD2424R Datasheet
806Kb / 31P
   Timing Generator for Progressive Scan CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com