Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

760301103 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 760301103
Description  WE-GDT Gate-Drive-Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

760301103 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  760301103 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 760301103 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 760301103 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 760301103 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.1
1.0
REV
2012-06-28
2012-04-01
DATE
SSt
SSt
BY
SSt
WW
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-GDT Gate-Drive-Transformer
Order.- No.
760301103
SIZE
A4
Size: EP5
A Dimensions: [mm]
B Land Pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Leakage Inductance
DC Resistance 1
DC Resistance 2
DC Resistance 3
Turns Ratio
Voltage-µSecond
Interwinding Capacitance
Rated Voltage
Insulation Test Voltage
Test conditions
10 kHz/ 100 mV
100 kHz/ 100 mV
B = 280 mT
100 kHz/ 100 mV
L
LS
RDC
RDC
RDC
n
∫Udt
CWW
UR
UT
Value
350
2.3
700
170
170
2.5:1:1
29.4
7
80
1500
Unit
µH
µH
µVs
pF
V (DC)
V (DC)
Tol.
min.
max.
max.
max.
max.
typ.
typ.
E General information:
It is recommended that the temperature of the part does
not exceed +125°C under worst case conditions.
Storage Temperature: -20°C to 60°C
Operating Temperature: -40°C to 125°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 760301103

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760301104 WURTH-760301104 Datasheet
385Kb / 4P
   WE-GDT Gate-Drive-Transformer
760301105 WURTH-760301105 Datasheet
385Kb / 4P
   WE-GDT Gate-Drive-Transformer
760301106 WURTH-760301106 Datasheet
379Kb / 4P
   WE-GDT Gate-Drive-Transformer
760301107 WURTH-760301107 Datasheet
379Kb / 4P
   WE-GDT Gate-Drive-Transformer
760301108 WURTH-760301108 Datasheet
381Kb / 5P
   WE-GDT Gate-Drive-Transformer
More results

Similar Description - 760301103

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760301104 WURTH-760301104 Datasheet
385Kb / 4P
   WE-GDT Gate-Drive-Transformer
760301107 WURTH-760301107 Datasheet
379Kb / 4P
   WE-GDT Gate-Drive-Transformer
760301105 WURTH-760301105 Datasheet
385Kb / 4P
   WE-GDT Gate-Drive-Transformer
760301106 WURTH-760301106 Datasheet
379Kb / 4P
   WE-GDT Gate-Drive-Transformer
760301108 WURTH-760301108 Datasheet
381Kb / 5P
   WE-GDT Gate-Drive-Transformer
760301304 WURTH-760301304 Datasheet
392Kb / 5P
   WE-GDTI Gate-Drive-Transformer
760301301 WURTH-760301301 Datasheet
392Kb / 5P
   WE-GDTI Gate-Drive-Transformer
760301303 WURTH-760301303 Datasheet
392Kb / 5P
   WE-GDTI Gate-Drive-Transformer
760301302 WURTH-760301302 Datasheet
390Kb / 5P
   WE-GDTI Gate-Drive-Transformer
760301305 WURTH-760301305 Datasheet
392Kb / 5P
   WE-GDTI Gate-Drive-Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com