Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31CR61C226ME15 Datasheet(PDF) 7 Page - Enpirion, Inc.

Part # GRM31CR61C226ME15
Description  9A Voltage Mode Synchronous Buck PWM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

GRM31CR61C226ME15 Datasheet(HTML) 7 Page - Enpirion, Inc.

Back Button GRM31CR61C226ME15 Datasheet HTML 3Page - Enpirion, Inc. GRM31CR61C226ME15 Datasheet HTML 4Page - Enpirion, Inc. GRM31CR61C226ME15 Datasheet HTML 5Page - Enpirion, Inc. GRM31CR61C226ME15 Datasheet HTML 6Page - Enpirion, Inc. GRM31CR61C226ME15 Datasheet HTML 7Page - Enpirion, Inc. GRM31CR61C226ME15 Datasheet HTML 8Page - Enpirion, Inc. GRM31CR61C226ME15 Datasheet HTML 9Page - Enpirion, Inc. GRM31CR61C226ME15 Datasheet HTML 10Page - Enpirion, Inc. GRM31CR61C226ME15 Datasheet HTML 11Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
EN2390QI
©
Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 7
Typical Performance Curves
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
OUTPUT CURRENT (A)
Sim Efficiency vs. Output Current
VOUT = 3.3V
VOUT = 1.8V
VOUT = 1.2V
CONDITIONS
VIN = 12.0V
AVIN = 3.3V
Dual Supply
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
OUTPUT CURRENT (A)
Sim Efficiency vs. Output Current
VOUT = 3.3V
VOUT = 1.8V
VOUT = 1.2V
CONDITIONS
VIN = 10.0V
AVIN = 3.3V
Dual Supply
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
55
60
65
70
75
80
85
AMBIENT TEMPERATURE ( C)
Output Current De-rating
VOUT = 3.3V
VOUT = 1.8V
CONDITIONS
VIN = 12V
TJMAX = 125 C
θ
JA = 15 C/W
10x11x3mm QFN
No Air Flow
CONDITIONS
VIN = 12V
TJMAX = 125 C
θ
JA = 15 C/W
10x11x3mm QFN
No Air Flow
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
55
60
65
70
75
80
85
AMBIENT TEMPERATURE ( C)
Output Current De-rating
VOUT = 3.3V
VOUT = 1.8V
CONDITIONS
VIN = 12V
TJMAX = 125 C
θ
JA = 15 C/W
10x11x3mm QFN
No Air Flow
CONDITIONS
VIN = 10V
TJMAX = 125 C
θ
JA = 15 C/W
10x11x3mm QFN
No Air Flow
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
55
60
65
70
75
80
85
AMBIENT TEMPERATURE ( C)
Output Current De-rating with Air Flow
VOUT = 3.3V
CONDITIONS
VIN = 12V
TJMAX = 125 C
θ
JA = 15 C/W
10x11x3mm QFN
No Air Flow
CONDITIONS
VIN = 12V
TJMAX = 125 C
θ
JA = 12.5 C/W
10x11x3mm QFN
Air Flow (200fpm)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
55
60
65
70
75
80
85
AMBIENT TEMPERATURE ( C)
Output Current De-rating with Air Flow
VOUT = 3.3V
CONDITIONS
VIN = 12V
TJMAX = 125 C
θ
JA = 15 C/W
10x11x3mm QFN
No Air Flow
CONDITIONS
VIN = 12V
TJMAX = 125 C
θ
JA = 11 C/W
10x11x3mm QFN
Air Flow (400fpm)


Similar Part No. - GRM31CR61C226ME15

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
GRM31CR61C226ME15 ENPIRION-GRM31CR61C226ME15 Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
GRM31CR61C226ME15 ENPIRION-GRM31CR61C226ME15 Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
GRM31CR61C226ME15 ENPIRION-GRM31CR61C226ME15 Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Murata Manufacturing Co...
GRM31CR61C226ME15 MURATA-GRM31CR61C226ME15 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM31CR61C226ME15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN23F0QI ENPIRION-EN23F0QI Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5394QI ENPIRION-EN5394QI Datasheet
430Kb / 19P
   Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
   1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com