Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN2360QI Datasheet(PDF) 4 Page - Enpirion, Inc.

Part # EN2360QI
Description  6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN2360QI Datasheet(HTML) 4 Page - Enpirion, Inc.

  EN2360QI Datasheet HTML 1Page - Enpirion, Inc. EN2360QI Datasheet HTML 2Page - Enpirion, Inc. EN2360QI Datasheet HTML 3Page - Enpirion, Inc. EN2360QI Datasheet HTML 4Page - Enpirion, Inc. EN2360QI Datasheet HTML 5Page - Enpirion, Inc. EN2360QI Datasheet HTML 6Page - Enpirion, Inc. EN2360QI Datasheet HTML 7Page - Enpirion, Inc. EN2360QI Datasheet HTML 8Page - Enpirion, Inc. EN2360QI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
07514
September 17, 2012
Rev: A
EN2360QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 4
Absolute Maximum Ratings
CAUTION: Absolute Maximum ratings are stress ratings only. Functional operation beyond the recommended operating
conditions is not implied. Stress beyond the absolute maximum ratings may impair device life. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Voltages on – PVIN, VOUT
VIN
-0.5
15
V
Pin Voltages – AVINO, AVIN, ENABLE, POK, S_IN, S_OUT, M/S
2.5
6.0
V
Pin Voltages – VFB, SS, EAIN, RCLX, FADJ
-0.5
2.75
V
PVIN Slew Rate
0.3
3
V/ms
Storage Temperature Range
TSTG
-65
150
°C
Maximum Operating Junction Temperature
TJ-ABS Max
150
°C
Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020A
260
°C
ESD Rating - all pins (based on Human Body Model)
2000
V
ESD Rating (based on CDM)
500
V
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
PVIN: Input Voltage Range
PVIN
4.5
14.0
V
AVIN: Controller Supply Voltage
AVIN
2.5
5.5
V
Output Voltage Range (Note 1)
VOUT
0.6
5.0
V
Output Current
IOUT
6.0
A
Operating Junction Temperature
TJ-OP
- 40
125
°C
Operating Ambient Temperature
TAMB
- 40
85
°C
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Resistance: Junction to Ambient (0 LFM) (Note 2)
θJA
16
°C/W
Thermal Resistance: Junction to Case (0 LFM)
θJC
2
°C/W
Thermal Shutdown
TSD
160
°C
Thermal Shutdown Hysteresis
TSDH
35
°C
Note 1: RCLX resistor value may need to be raised for VOUT > VIN – 2.5V to increase current limit threshold. Contact
techsupport@enpirion.com for details.
Note 2: Based on 2oz. external copper layers and proper thermal design in line with EIJ/JEDEC JESD51-7 standard for
high thermal conductivity boards.


Similar Part No. - EN2360QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI-E ENPIRION-EN2360QI-E Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN2360QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5364QI ENPIRION-EN5364QI Datasheet
456Kb / 19P
   Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com