Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2434ATQ Datasheet(PDF) 7 Page - Sony Corporation

Part # CXD2434ATQ
Description  Timing Generator for Progressive Scan CCD Image Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2434ATQ Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXD2434ATQ Datasheet HTML 3Page - Sony Corporation CXD2434ATQ Datasheet HTML 4Page - Sony Corporation CXD2434ATQ Datasheet HTML 5Page - Sony Corporation CXD2434ATQ Datasheet HTML 6Page - Sony Corporation CXD2434ATQ Datasheet HTML 7Page - Sony Corporation CXD2434ATQ Datasheet HTML 8Page - Sony Corporation CXD2434ATQ Datasheet HTML 9Page - Sony Corporation CXD2434ATQ Datasheet HTML 10Page - Sony Corporation CXD2434ATQ Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
—7—
CXD2434ATQ
3) Phase conditions of HD, VD, TRIG, EFS and ESG
0.5VDD
tSETUP
tHOLD
0.5VDD
0.5VDD
CL
HD, VD, TRIG
EFS, ESG
VDD=5.0 V, Topr=25 °C, load capacitance of CL=30 pF
Symbol
tSETUP
tHOLD
Definition
HD, VD, TRIG, EFS and ESG setup time, activated by CL
HD, VD, TRIG, EFS and ESG hold time, activated by CL
Min.
20
5
Typ.
Max.
Unit
ns
ns
4) Phase characteristics of XV1, XV2, XV3, XSG, PBLK, XCPDM, XCPOB, BUSY, WEN and ID
0.5VDD
0.5VDD
tPDCL1
0.5VDD
tPDCL2
0.5VDD
tPDCL3
0.5VDD
CL
XV1, XV2, XV3
BUSY, WEN, ID
XSG, PBLK,
XCPDM, XCPOB
VDD=5.0 V, Topr=25 °C, load capacitance of CL=30 pF,
load capacitance of XV1, XV2, XV3, XSG, PBLK, XCPDM, XCPOB, BUSY, WEN and ID=10 pF
Symbol
tPDCL1
tPDCL2
tPDCL3
Definition
XV1, XV2 and XV3 delay, activated by the falling edge of CL
BUSY, WEN and ID delay, activated by the rising edge of CL
XSG, PBLK, XCPDM and XCPOB delay, activated by the
rising edge of CL
Min.
30
40
40
Typ.
Max.
65
60
55
Unit
ns
ns
ns


Similar Part No. - CXD2434ATQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2434TQ SONY-CXD2434TQ Datasheet
1,013Kb / 27P
   Timing Generator for Progressive Scan CCD Image Sensor
More results

Similar Description - CXD2434ATQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2460R SONY-CXD2460R Datasheet
341Kb / 36P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408AR SONY-CXD2408AR Datasheet
320Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408R SONY-CXD2408R Datasheet
487Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3611R SONY-CXD3611R Datasheet
429Kb / 49P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2437TQ SONY-CXD2437TQ Datasheet
590Kb / 33P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2457R SONY-CXD2457R Datasheet
380Kb / 37P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2434TQ SONY-CXD2434TQ Datasheet
1,013Kb / 27P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3609R SONY-CXD3609R Datasheet
898Kb / 72P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3607R SONY-CXD3607R Datasheet
381Kb / 39P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2424R SONY-CXD2424R Datasheet
806Kb / 31P
   Timing Generator for Progressive Scan CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com