Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLBF1108A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLBF1108A
Description  General Lighting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLBF1108A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLBF1108A Datasheet HTML 1Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 2Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 3Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 4Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 5Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 6Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 7Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 8Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TLBF1108A(T11
3
6.
6.
6.
6. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Forward voltage
Reverse current
Symbol
VF
IR
Note
Test Condition
IF = 40 mA
VR = 5 V
Min
3.1
Typ.
3.6
Max
4.3
10
Unit
V
µA
7.
7.
7.
7. Optical Characteristics (Unless otherwise specified, T
Optical Characteristics (Unless otherwise specified, T
Optical Characteristics (Unless otherwise specified, T
Optical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Luminous intensity (on-axis)
Peak emission wavelength
Spectral line half width
Dominant wavelength
Symbol
IV
λP
∆λ
λd
Note
See Table 7.1
Test Condition
IF = 40 mA
IF = 40 mA
Min
400
460
Typ.
800
468
25
467
Max
1600
474
Unit
mcd
nm
Table
Table
Table
Table 7.1
7.1
7.1
7.1 Luminous Intensity Rank (Note)
Luminous Intensity Rank (Note)
Luminous Intensity Rank (Note)
Luminous Intensity Rank (Note)
Rank
UA1
UA2
VA1
VA2
WA1
Test Condition
IF = 40 mA, Ta = 25
Luminous Intensity (Min)
400
500
630
800
1000
Luminous Intensity (Max)
630
800
1000
1250
1600
Unit
mcd
Note:
This LED lamp is sorted into luminous intensity ranks shown above. Each reel includes the same rank LEDs.
Let the delivery ratio of each rank be unquestioned.
Rank notations:The luminous intensity ranks are printed on labels as shown below:
Example: UA1
UA1: Luminous intensity rank
2012-02-24
Rev.2.0


Similar Part No. - TLBF1108A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLBF1100C TOSHIBA-TLBF1100C Datasheet
252Kb / 10P
   LED Lamps
TLBF1100D TOSHIBA-TLBF1100D Datasheet
260Kb / 12P
   General Lighting
More results

Similar Description - TLBF1108A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
TLBF1100D TOSHIBA-TLBF1100D Datasheet
260Kb / 12P
   General Lighting
TLWLF1100D TOSHIBA-TLWLF1100D Datasheet
273Kb / 13P
   General Lighting
TLWLF1108A TOSHIBA-TLWLF1108A Datasheet
271Kb / 13P
   General Lighting
TLWLF1109A TOSHIBA-TLWLF1109A Datasheet
270Kb / 13P
   General Lighting
TLWNF1100D TOSHIBA-TLWNF1100D Datasheet
272Kb / 13P
   General Lighting
TLWNF1109A TOSHIBA-TLWNF1109A Datasheet
268Kb / 13P
   General Lighting
TLWF1109A TOSHIBA-TLWF1109A Datasheet
270Kb / 13P
   General Lighting
TLWF1108A TOSHIBA-TLWF1108A Datasheet
271Kb / 13P
   General Lighting
TLWF1100D TOSHIBA-TLWF1100D Datasheet
253Kb / 13P
   General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com