Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2428Q Datasheet(PDF) 10 Page - Sony Corporation

Part # CXD2428Q
Description  Video Scan Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2428Q Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXD2428Q Datasheet HTML 6Page - Sony Corporation CXD2428Q Datasheet HTML 7Page - Sony Corporation CXD2428Q Datasheet HTML 8Page - Sony Corporation CXD2428Q Datasheet HTML 9Page - Sony Corporation CXD2428Q Datasheet HTML 10Page - Sony Corporation CXD2428Q Datasheet HTML 11Page - Sony Corporation CXD2428Q Datasheet HTML 12Page - Sony Corporation CXD2428Q Datasheet HTML 13Page - Sony Corporation CXD2428Q Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
– 10 –
CXD2428Q
3. Scanning Line Conversion Function
LN DAT (address 6x) and MD DAT (address 7x) are data which indicate scanning line conversion coefficients.
There are the following 8 conversion coefficients:
1.67/1.75/2/2.22/2.33/2.67/2.8 = K
K =
The conversion coefficient equals the ratio of one scanning line to scan lines generated by interpolation. The
coefficient can be changed on the screen.
In the WIDE-ZOOM mode, compression and expansion on the screen can be changed by combining these 8
coefficients as desired.
Compression and expansion are carried out by setting the coefficient and the number of switching lines.
The upper 6 MD DAT bits (bits 3 to 8) provide coefficient data.
The lower 2 MD DAT bits (bits 1 and 2) and 8 LN DAT bits provide line number data.
The coefficients and corresponding MD DAT are shown below.
Coefficient
MD DAT
MSB
LSB
1.67
000100xx
1.75
001000xx
000001xx
2.0
000000xx ∗
2.1
010000xx
2.22
011100xx
2.33
101000xx
2.67
110000xx
2.8
110110xx
∗ The interpolation coefficient 2.0 has two modes which are determined by the value of bit 3.
When bit 3 is 1, an interpolation line is generated by outputting the same signal as that of the
preceding line. This mode realizes images with a higher vertical resolution.
When bit 3 is 0, an interpolation line is output by averaging signals of the preceding and following
lines. This mode realizes images with smoother diagonal lines.
4. DA Converter Clock
RYCK and BYCK, which are YCK halved and phase inverted, are output as D/A converter clocks.
5. Output Control
A black signal is output when BLNK is high.
number of scanning lines of output signal
number of scanning lines of input signal


Similar Part No. - CXD2428Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
CXD2424R SONY-CXD2424R Datasheet
806Kb / 31P
   Timing Generator for Progressive Scan CCD Image Sensor
More results

Similar Description - CXD2428Q

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL251 AVERLOGIC-AL251 Datasheet
44Kb / 2P
   Video Scan Doubler
AL250 AVERLOGIC-AL250 Datasheet
42Kb / 2P
   Video Scan Doubler
logo
Mitsubishi Electric Sem...
M65656FP MITSUBISHI-M65656FP Datasheet
1Mb / 5P
   SCAN CONVERTER
M65657FP MITSUBISHI-M65657FP Datasheet
1Mb / 5P
   SCAN CONVERTER
logo
Panasonic Semiconductor
MN89201 PANASONIC-MN89201 Datasheet
64Kb / 11P
   VGA-NTSC Scan Converter
logo
List of Unclassifed Man...
FS401 ETC2-FS401 Datasheet
510Kb / 104P
   PC to TV Video Scan Converters
logo
AverLogic Technologies ...
AL251A-EVB-A0 AVERLOGIC-AL251A-EVB-A0 Datasheet
404Kb / 9P
   Scan Converter Evaluation Board
logo
Siemens Semiconductor G...
SDA9255 SIEMENS-SDA9255 Datasheet
225Kb / 45P
   SRC-Scan Rate Converter SDA9255
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Micronas
SDA9415-B13 MICRONAS-SDA9415-B13 Datasheet
3Mb / 185P
   Display Processor and Scan Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com