Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31PW3500 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS31PW3500
Description  1.1MHZ BOOST CONVERTER WITH 30V INTERNAL FET SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31PW3500 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS31PW3500 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31PW3500 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31PW3500 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31PW3500 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31PW3500 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31PW3500 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31PW3500 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31PW3500 Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IS31PW3500
Integrated Silicon Solution, Inc. – www.issi.com
2
Rev.A, 12/30/2011
PIN CONFIGURATION
Package
Pin Configuration (Top View)
DFN-8
PIN DESCRIPTION
No.
Pin
Description
1
PGND
Signal ground, connect to ground.
2
VIN
Input supply voltage.
3
EN
Chip enable pin. Connect to 1.4V or higher to enable device,
0.4V or less to disable device.
4
AIN
Audio input.(note1)
5
AOUT
Audio output.(note1)
6
FB
Feedback pin. Reference voltage is 0.25V. Connect cathode of
lowest LED and resistor here. Calculate resistor value according
to the formula: RFB = 0.25/ILED, calculate output voltage according
to the formula: VOUT = (R2+R1)×0.25V/R2.
7
GND
Common ground
8
LX
Switch pin. Connect inductor/diode here. Minimize trace area at
this pin to reduce EMI.
Thermal Pad Connect to GND.
Note 1:
See section constant output voltage for Class-G audio amplifier in application information.
Copyright © 2011 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any 
time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are 
advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products. 
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the 
product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not 
authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that: 
a.) the risk of injury or damage has been minimized; 
b.) the user assume all such risks; and 
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS31PW3500

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
IS31PW8200 BELLING-IS31PW8200 Datasheet
356Kb / 5P
   Output transition SOA protection
More results

Similar Description - IS31PW3500

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
   1.4MHz Boost Converter With 30V Internal FET Switch
logo
Taiwan Semiconductor Co...
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
   1.6MHz Boost Converter with 30V Internal FET Switch
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
logo
Integrated Silicon Solu...
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-TTLS2-TR ISSI-IS31BL3506A-TTLS2-TR Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A ISSI-IS31BL3506A Datasheet
389Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com