Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS66WVE1M16BLL-55BLI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS66WVE1M16BLL-55BLI
Description  3.0V Core Async/Page PSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE1M16BLL-55BLI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS66WVE1M16BLL-55BLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
IS66WVE1M16BLL
Rev. A | Feb. 2012
www.issi.com - SRAM@issi.com
Signal Descriptions
All signals for the device are listed below in Table 1.
Symbol
Type
Description
VDD
Power Supply
Core Power supply (2.7V~3.6V)
VDDQ
Power Supply
I/O Power supply (2.7V~3.6V)
VSS
Power Supply
All VSS supply pins must be connected to Ground
VSSQ
Power Supply
All VSSQ supply pins must be connected to Ground
DQ0~DQ15
Input / Output
Data Inputs/Outputs (DQ0~DQ15)
A0~A19
Input
Address Input(A0~A19)
LB#
Input
Lower Byte select
UB#
Input
Upper Byte select
CE#
Input
Chip Enable/Select
OE#
Input
Output Enable
WE#
Input
Write Enable
ZZ#
Input
Sleep enable : When ZZ# is LOW, the CR can be loaded, or the device
can enter one of two low-power modes ( DPD or PAR).
Table 1. Signal Descriptions


Similar Part No. - IS66WVE1M16BLL-55BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
More results

Similar Description - IS66WVE1M16BLL-55BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE4M16BLL ISSI-IS66WVE4M16BLL Datasheet
530Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DBLL ISSI-IS66WVE2M16DBLL Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
IS66WVE1M16ALL ISSI-IS66WVE1M16ALL Datasheet
522Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE2M16DALL ISSI-IS66WVE2M16DALL Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
IS66WVE4M16ALL ISSI-IS66WVE4M16ALL Datasheet
597Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE1M16EALL-70BLI ISSI-IS66WVE1M16EALL-70BLI Datasheet
688Kb / 34P
   16Mb Async/Page PSRAM
logo
White Electronic Design...
W764M32V-XSBX WEDC-W764M32V-XSBX Datasheet
505Kb / 16P
   64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
logo
Power IC Ltd.
PIC9310 PICSEMI-PIC9310 Datasheet
136Kb / 2P
   Async Boost with 600KHz switching
logo
Integrated Silicon Solu...
IS66WVO16M8DALL ISSI-IS66WVO16M8DALL Datasheet
940Kb / 34P
   128Mb OctalRAM 1.8V/3.0V SERIAL PSRAM MEMORY WITH 200MHZ DTR OPI (OCTAL PERIPHERAL INTERFACE) PROTOCOL
Rev. A2 02/25/2022
IS66WVO32M8DALL ISSI-IS66WVO32M8DALL Datasheet
934Kb / 34P
   256Mb OctalRAM 1.8V/3.0V SERIAL PSRAM MEMORY WITH 200MHZ DTR OPI (OCTAL PERIPHERAL INTERFACE) PROTOCOL
Rev. A2 02/25/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com