Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS66WVE1M16BLL-55BLI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS66WVE1M16BLL-55BLI
Description  3.0V Core Async/Page PSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE1M16BLL-55BLI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS66WVE1M16BLL-55BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS66WVE1M16BLL-55BLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
IS66WVE1M16BLL
Rev. A | Feb. 2012
www.issi.com - SRAM@issi.com
Page Mode READ Operation
Page mode is a performance-enhancing extension to the legacy asynchronous READ
operation. In page-mode-capable products, an initial asynchronous read access is
preformed, then adjacent addresses can be read quickly by simply changing the low-
order address. Addresses A[3:0] are used to determine the members of the 16-address
PSRAM page. Any change in addresses A[4] or higher will initiate a new tAA access time.
Figure 4 shows the timing for a page mode access.
Page mode takes advantage of the fact that adjacent addresses can be read faster than
random addresses. WRITE operations do not include comparable page mode functionality.
The CE# LOW time is limited by refresh considerations. CE# must not stay LOW longer
than tCEM.
Figure 4. Page Mode READ Operation
Address
DQ0-
DQ15
CE#
UB#/LB#
OE#
WE#
tAA
ADD3
ADD2
ADD1
ADD0
D0
D1
D2
D3
tAPA
tAPA
tAPA
UB#/LB# Operation
The UB#/LB# enable signals accommodate byte-wide data transfers. During READ operations,
enabled bytes are driven onto the DQ. The DQ signals associated with a disabled byte are
put into a High-Z state during a READ operation. During WRITE operations, disabled bytes
are not transferred to the memory array. and the internal value remains unchanged. During
a WRITE cycle the data to be written is latched on the rising edge of CE#, WE#, LB# or UB#,
whichever occurs first.
When both the UB#/LB# are disabled (HIGH) during an operation, the device prevents the
data bus from receiving or transmitting data. Although the device may appear to be deselected,
it remains in active mode as long as CE# remains LOW.


Similar Part No. - IS66WVE1M16BLL-55BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
More results

Similar Description - IS66WVE1M16BLL-55BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE4M16BLL ISSI-IS66WVE4M16BLL Datasheet
530Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DBLL ISSI-IS66WVE2M16DBLL Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
IS66WVE1M16ALL ISSI-IS66WVE1M16ALL Datasheet
522Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE2M16DALL ISSI-IS66WVE2M16DALL Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
IS66WVE4M16ALL ISSI-IS66WVE4M16ALL Datasheet
597Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE1M16EALL-70BLI ISSI-IS66WVE1M16EALL-70BLI Datasheet
688Kb / 34P
   16Mb Async/Page PSRAM
logo
White Electronic Design...
W764M32V-XSBX WEDC-W764M32V-XSBX Datasheet
505Kb / 16P
   64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
logo
Power IC Ltd.
PIC9310 PICSEMI-PIC9310 Datasheet
136Kb / 2P
   Async Boost with 600KHz switching
logo
Integrated Silicon Solu...
IS66WVO16M8DALL ISSI-IS66WVO16M8DALL Datasheet
940Kb / 34P
   128Mb OctalRAM 1.8V/3.0V SERIAL PSRAM MEMORY WITH 200MHZ DTR OPI (OCTAL PERIPHERAL INTERFACE) PROTOCOL
Rev. A2 02/25/2022
IS66WVO32M8DALL ISSI-IS66WVO32M8DALL Datasheet
934Kb / 34P
   256Mb OctalRAM 1.8V/3.0V SERIAL PSRAM MEMORY WITH 200MHZ DTR OPI (OCTAL PERIPHERAL INTERFACE) PROTOCOL
Rev. A2 02/25/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com