Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31LT3135 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS31LT3135
Description  MAIN/SUB DUAL-CHANNEL LED DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3135 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS31LT3135 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3135 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3135 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3135 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3135 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3135 Datasheet HTML 6Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IS31LT3135
Integrated Silicon Solution, Inc. — www.issi.com
Rev.A, 11/08/2011
3
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VCC
-
0.3V ~ +6.5V
UV, Iset, Sub, Main
-0.3V to 6.5V
Junction temperature, TJMAX
+150°C
Storage temperature range, Tstg
-
65°C ~ +150°C
ESD(human body mode)
4kV
IMAIN
500mA
ISUB
300mA
TA( Ambient temperature)
-
40°C ~ +85°C
Note:
1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(Test conditions: VCC=3.6V,Tamb=25℃ unless otherwise stated)
Symbol
Parameter
Condition
Min
Typical
Max
Unit
VCC
Input voltage
2.7
5.5
V
Icc
Quiescent current
Vcc=2.7V~5.5V,no load,
5.5V>Vuv>1.4V
250
320
μA
Iratio
Ratio of IMAIN to ISET
VCC=4.2V,Rset=30K
8000
VISET
Voltage of ISET pin
1.2
V
Iaccuracy
Current accuracy of main
LED
Vcc = 2.7V ~ 5.5V,Vmain=0.5V
±5
%
Vdp
Main channel current
source dropout voltage
Rset=47K,Iout=204mA
0.2
V
Rsub
Sub-channel “ON”
resistance
Vcc=2.7V~5.5V
2.0
ohm
VUV
Undervoltage threshold of
UV pin
Switch from
main-LED to
sub-LED when
VUV sweeps
from high
voltage to low
voltage
IS31LT3135-V1
1.13
1.17
121
V
IS31LT3135-V2
1.19
1.23
1.26
VUVHYS
Comparator hysteresis of
UV pin(Upper threshold -
Undervoltage threshold)
Switch from sub-LED to
main-LED when VUV
sweeps from low voltage to high
voltage(Upper threshold); Switch
from main-LED to sub-LED when
VUV sweeps from high voltage
to low voltage(Undervoltage
threshold)
80
mV
TSD
Thermal protection
Threshold
160
RθJA
Junction to ambient
SOP-8
80
°C/W


Similar Part No. - IS31LT3135

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3135-V1GRLS2 ISSI-IS31LT3135-V1GRLS2 Datasheet
216Kb / 6P
   MAIN/SUB DUAL-CHANNEL LED DRIVER
IS31LT3135V1 ISSI-IS31LT3135V1 Datasheet
506Kb / 4P
   Power supply under?릚oltage detection
IS31LT3135V2 ISSI-IS31LT3135V2 Datasheet
506Kb / 4P
   Power supply under?릚oltage detection
More results

Similar Description - IS31LT3135

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3135-V1GRLS2 ISSI-IS31LT3135-V1GRLS2 Datasheet
216Kb / 6P
   MAIN/SUB DUAL-CHANNEL LED DRIVER
logo
Linear Technology
LTC3230 LINER-LTC3230_15 Datasheet
231Kb / 16P
   5-LED Main/Sub Display Driver with Dual LDO
LTC3230 LINER-LTC3230 Datasheet
234Kb / 16P
   5-LED Main/Sub Display Driver with Dual LDO
logo
ON Semiconductor
LV52207AXA ONSEMI-LV52207AXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
November 2014 - Rev. 1
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
logo
MagnaChip Semiconductor...
MAP3222 MGCHIP-MAP3222 Datasheet
1Mb / 15P
   Dual Channel High Brightness LED Driver
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301_07 Datasheet
146Kb / 7P
   Dual Channel LED Driver/Current Source
February, 2007 ??Rev. P4
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
   Dual Channel Charge Pump LED Driver
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com