Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31IO7328 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS31IO7328
Description  MULTI-FUNCTION I/O DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31IO7328 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS31IO7328 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
IS31IO7328
Integrated Silicon Solution, Inc. – www.issi.com
10
Rev.A, 12/27/2011
START AND STOP CONDITIONS
Both SCL and SDA remain high when the interface is
not busy. A master signals the beginning of a
transmission with a START (S) condition by
transitioning SDA from high to low while SCL is high.
When the master has finished communicating with the
slave, the master issues a STOP (P) condition by
transitioning SDA from low to high while SCL is high.
The bus is then free for another transmission (see
Figure 4).
BIT TRANSFER
One data bit is transferred during each clock pulse.
The data on SDA must remain stable while SCL is high
(Figure 5).
Figure 6
Acknowledge
12
34
5
6
78
1
234
5
678
12
3
4
5
6
7
8
SCL
START CONDITION
R/W ACKNOWLEDGE
FROM SLAVE
ACKNOWLEDGE
FROM SLAVE
ACKNOWLEDGE
FROM SLAVE
Slave Address
0
Command Byte
Data Nibble
0
0
0
0
SDA
INTERNAL WRITE
TO PORT
DATA OUT
FROM PORT
tPV
DATA VALID
S
A
A
A
Write 0 When
Writing The Port
Figure 7
Writing to the IS31IO7328
1
2
3
4
567
8
123
4
5
6
78
ACKNOWLEDGE
FROM SN7328
1
S
ANA
10
1
1
0
AD
0
D7
D6
D5
D4
D3
D2
D1
D0
NO ACKNOWLEDGE
FROM MASTER
P
PORT I/O
Ineffective Data
1
2
3
4
56
78
1234
5
67
8
SCL
ACKNOWLEDGE
FROM SN7328
0
SA
A
10
1
1
0
AD
0
Command Byte
ACKNOWLEDGE
FROM SN7328
W
tIV
PORT
INT OUTPUT
R
S=START CONDITION
P=STOP CONDITION
SHADED=SLAVE TRANSMISSION
NA=NO ACKNOLEDGE
tPSU
tIR
tPH
SDA
Effective Data
Figure 8
Reading I/O Ports of IS31IO7328
Note:
Data from/to IS31IO7328, only the 4 MSBs of the data are effective


Similar Part No. - IS31IO7328

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
   MULTI-FUNCTION I/O DRIVER
IS31IO7326 ISSI-IS31IO7326 Datasheet
369Kb / 14P
   DEBOUNCED 8횞8 KEY-SCAN CONTROLLER
More results

Similar Description - IS31IO7328

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
   MULTI-FUNCTION I/O DRIVER
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
   PCI Express-compliant Multi-function Analog I/O
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
   Geode??CS5530 I/O Companion Multi-Function South Bridge
CS5535 NSC-CS5535 Datasheet
3Mb / 555P
   Geode??CS5535 I/O Companion Multi-Function South Bridge
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
   Geode CS5530A I/O Companion Multi-Function South Bridge
logo
UMC Corporation
UM82C452 UMC-UM82C452 Datasheet
1Mb / 24P
   SINGLE CHIP MULTI - I/O
logo
IC-Haus GmbH
IC-DXC ICHAUS-IC-DXC_11 Datasheet
484Kb / 11P
   DIGITAL SENSOR I/O DRIVER
IC-DXC ICHAUS-IC-DXC_17 Datasheet
519Kb / 12P
   DIGITAL SENSOR I/O DRIVER
IC-DXC3 ICHAUS-IC-DXC3 Datasheet
566Kb / 12P
   DIGITAL SENSOR I/O DRIVER
logo
Megawin Technology Co.,...
MA009A MEGAWIN-MA009A Datasheet
664Kb / 19P
   24-bit I/O extender with interrupt function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com