Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31FL3196 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS31FL3196
Description  6-CHANNEL LIGHT EFFECT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31FL3196 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS31FL3196 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31FL3196 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31FL3196 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31FL3196 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31FL3196 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31FL3196 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31FL3196 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31FL3196 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31FL3196 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
IS31FL3196
Integrated Silicon Solution, Inc. — www.issi.com
Rev.A, 03/27/2012
10
Table 9
07h~0Ch
PWM Register(OUT1~OUT6)
Bit
D7:D0
Name
PWM
Default
0000 0000
The PWM Registers can modulate RGB light with 256
different items.
The value of PWM Registers decide the average output
current of OUT1~OUT6. The average output current
may be computed using the Formula (1):
7
0
OUT
2
]
[
256
I
n
n
MAX
n
D
I
(1)
Where “n” indicates the bit location in the respective
PWM register.
For example: D7:D0 = 10110101,
IOUT = IMAX (2
0+22+24+25+27)/256
IMAX is set by Configuration Register2 (04h).
10h
Data Update Register
The data sent to the PWM Registers and the LED
Control Registers will be stored in temporary registers.
A write operation of any 8-bit value to the Data Update
Register is required to update the registers (01h,
07h~0Ch).
Table 10
11h~16h
T0 Register (OUT1~OUT6)
Bit
D7:D6
D5:D4
D3:D0
Name
-
B
A
Default
00
00
0000
The T0 Registers set the T0 time in One Shot
Programming Mode.
T0 = τ×A×2
B
A = 0~15, B = 0~3 and τ = 260ms (Typ.)
For example, the max T0 is 260ms×15×2
3 = 31.2s
Table 11
1Ah~1Bh T1~T3 Register (RGB1~RGB2)
Bit
D7
D6:D4
D3
D2:D0
Name
DT
B
-
A
Default
0
000
0
000
The T1~T3 Registers set the T1~T3 time in One Shot
Programming Mode.
DT
Double Time
0
T3 =T1
1
T3 = 2T1
If A = 0~4, T1 = T3 = τ×2
A, τ = 260ms (Typ.)
If A = 5~6, the breathing function disable.
If A = 7, T1= T3 = 0.1ms.
If B = 1~7, T2 = τ×2
B-1, τ = 260ms (Typ.)
If B = 0, T2 = 0s.
For example, the max T1&T3 is 260ms×2
4 = 4.16s.
The max T2 is 260ms×2
6 = 16.64s.
Table 12
1Dh~22h
T4 Register (OUT1~OUT6)
Bit
D7:D6
D5:D4
D3:D0
Name
-
B
A
Default
00
00
0000
The T4 Registers set the T4 time in One Shot
Programming Mode.
T4 = τ×A×2
B
A = 0~15, B = 0~3 and τ = 260ms (Typ.)
For example, the max T4 is 260ms×15×2
3 = 31.2s
26h
Time Update Register
The data sent to the time registers (11h~16h,
1Ah~1Bh, 1Dh~22h) will be stored in temporary
registers. A write operation of any 8-bit data to the
Time Update Register is required to update the
registers (11h~16h, 1Ah~1Bh, 1Dh~22h).
FFh
Reset Register
Once user writes any 8-bit data to the Reset Register,
IS31FL3196 will reset all registers to default value. On
initial power-up, the IS31FL3196 registers are reset to
their default values for a blank display.


Similar Part No. - IS31FL3196

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3196A ISSI-IS31FL3196A Datasheet
404Kb / 17P
   6-CHANNEL LIGHT EFFECT LED DRIVER
IS31FL3196A-QFLS2-TR ISSI-IS31FL3196A-QFLS2-TR Datasheet
404Kb / 17P
   6-CHANNEL LIGHT EFFECT LED DRIVER
More results

Similar Description - IS31FL3196

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3196A ISSI-IS31FL3196A Datasheet
404Kb / 17P
   6-CHANNEL LIGHT EFFECT LED DRIVER
IS31FL3199 ISSI-IS31FL3199 Datasheet
372Kb / 16P
   9-CHANNEL LIGHT EFFECT LED DRIVER
IS31FL3193-DLS2-TR ISSI-IS31FL3193-DLS2-TR Datasheet
320Kb / 13P
   9-CHANNEL LIGHT EFFECT LED DRIVER
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
   6-Channel LED Driver
logo
Renesas Technology Corp
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
   6-Channel LED Driver
Sep 8, 2017
logo
Intersil Corporation
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
651Kb / 18P
   6-Channel LED Driver
May 9, 2008
ISL97636A INTERSIL-ISL97636A Datasheet
650Kb / 18P
   6-Channel LED Driver
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
   6-Channel LED Driver
logo
Renesas Technology Corp
ISL97636A RENESAS-ISL97636A Datasheet
1Mb / 18P
   6-Channel LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com