Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8LC24 Datasheet(PDF) 3 Page - Protek Devices

Part # SM8LC24
Description  800 WATT MULTI-LINE TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM8LC24 Datasheet(HTML) 3 Page - Protek Devices

  SM8LC24 Datasheet HTML 1Page - Protek Devices SM8LC24 Datasheet HTML 2Page - Protek Devices SM8LC24 Datasheet HTML 3Page - Protek Devices SM8LC24 Datasheet HTML 4Page - Protek Devices SM8LC24 Datasheet HTML 5Page - Protek Devices SM8LC24 Datasheet HTML 6Page - Protek Devices SM8LC24 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05019.R8 10/12
Page 3
SM8LC05 - SM8LC24
TYPICAL DEVICE ChARACTERISTICS
FIGURE 1
PEAk PULSE PoWER VS PULSE TIME
t
d - Pulse Duration - µs
800W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
PoWER DERATING CURVE
T
A - Ambient Temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FIGURE 2
PULSE WAVE FoRM
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120


Similar Part No. - SM8LC24

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM8LC24 MCC-SM8LC24 Datasheet
129Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SM8LC24 MICROSEMI-SM8LC24 Datasheet
91Kb / 2P
   TVSarray Series
logo
Protek Devices
SM8LC24 PROTEC-SM8LC24 Datasheet
99Kb / 4P
   LOW CAPACITANCE TVS ARRAY
SM8LC24 PROTEC-SM8LC24 Datasheet
600Kb / 7P
   800 WATT MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SM8LC24 LEIDITECH-SM8LC24 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results

Similar Description - SM8LC24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMDB05C-LFT7 PROTEC-SMDB05C-LFT7 Datasheet
515Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_12 Datasheet
519Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SM8LC05 PROTEC-SM8LC05_11 Datasheet
600Kb / 7P
   800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_11 Datasheet
517Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDB05 PROTEC-SMDB05_12 Datasheet
515Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDB05 PROTEC-SMDB05_11 Datasheet
513Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
PSMDA05-18 PROTEC-PSMDA05-18_11 Datasheet
520Kb / 6P
   200 WATT MULTI-LINE TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_12 Datasheet
506Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com