Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSB6.8S Datasheet(PDF) 1 Page - Protek Devices

Part # RSB6.8S
Description  LOW CAPACITANCE TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

RSB6.8S Datasheet(HTML) 1 Page - Protek Devices

  RSB6.8S_12 Datasheet HTML 1Page - Protek Devices RSB6.8S_12 Datasheet HTML 2Page - Protek Devices RSB6.8S_12 Datasheet HTML 3Page - Protek Devices RSB6.8S_12 Datasheet HTML 4Page - Protek Devices RSB6.8S_12 Datasheet HTML 5Page - Protek Devices RSB6.8S_12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05176.R8 10/12
Page 1
RSB6.8S
LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The RSB6.8S is a low capacitance, transient voltage suppressor designed to protect applications such as wireless tele-
communication devices, PCMCIA cards and portable electronics. This device is available in a bidirectional configura-
tion with a working voltage of 4.7V and a minimum breakdown voltage of 5.7V. The RSB6.8S is rated at 10W peak
pulse power (10/1000µs), which is sufficient protection for ESD threats at key interface locations.
The RSB6.8S is ideally suited to protect 5V DC lines and data I/O ports against ESD and EFT. This device meets the
requirements of IEC 61000-2 and IEC 61000-4-4. Packaged in a SC-79 configuration, this device can be substituted for
similar 0803 outlines.
FEATuRES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• 10 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Bidirectional Configuration
• Replacement for MLV (0803)
• Low Clamping Voltage
• Low Capacitance
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC SC-79 Package
• Approximate Weight: 2 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIONS
• Noise Suppression for Data/Audio Lines
• SMART Phones
• Digital Cameras
• Laptop Computers
SC-79 PACkAgE
PIN CONFIguRATION
1
2


Similar Part No. - RSB6.8S_12

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8S ROHM-RSB6.8S_11 Datasheet
1Mb / 3P
   ESD Protection diode
logo
Protek Devices
RSB6.8S PROTEC-RSB6.8S_11 Datasheet
434Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results

Similar Description - RSB6.8S_12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com