Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS362FV Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS362FV
Description  Ultra-High-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS362FV Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS362FV Datasheet HTML 1Page - Toshiba Semiconductor 1SS362FV Datasheet HTML 2Page - Toshiba Semiconductor 1SS362FV Datasheet HTML 3Page - Toshiba Semiconductor 1SS362FV Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1SS362FV
2009-04-14
1
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS362FV
Ultra-High-Speed Switching Applications
Small package
Excellent in forward current and forward voltage
characteristics:
VF (3) = 0.97 V (typ.)
Fast reverse recovery time: trr = 1.6 ns (typ.)
Small total capacitance:
CT = 0.9 pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Maximum (peak) forward current
IFM
300 *
mA
Average forward current
IO
100 *
mA
Surge current (10 ms)
IFSM
1 *
A
Power dissipation
P
150 **
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*: Unit rating. Total rating = unit rating × 0.7
**: Mounted on an FR4 board
(25.4 mm
× 25.4 mm × 1.6 mm (t))
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
IF = 1 mA
0.63
VF (2)
IF = 10 mA
0.75
Forward voltage
VF (3)
IF = 100 mA
0.97
1.20
V
IR (1)
VR = 30 V
0.1
Reverse current
IR (2)
VR = 80 V
0.5
μA
Total capacitance
CT
VR = 0 V, f = 1 MHz
0.9
pF
Reverse recovery time
trr
IF = 10 mA
(Fig. 1)
1.6
4.0
ns
JEDEC
JEITA
TOSHIBA
1-1Q1A
Weight: 1.5 mg (typ.)
Unit: mm
VESM
1
2
3
0.8±0.05
1.2±0.05
1.ANODE1
2.CATHODE2
3.CATHODE1
ANODE2
0.5 mm
0.45 mm
0.45 mm
0.4 mm


Similar Part No. - 1SS362FV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS362 TOSHIBA-1SS362 Datasheet
122Kb / 2P
   DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
logo
Guangdong Kexin Industr...
1SS362 KEXIN-1SS362 Datasheet
725Kb / 2P
   Switching Diodes
logo
Toshiba Semiconductor
1SS362 TOSHIBA-1SS362_07 Datasheet
210Kb / 3P
   Ultra High Speed Switching Application
More results

Similar Description - 1SS362FV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS361FV TOSHIBA-1SS361FV Datasheet
199Kb / 4P
   Ultra-High-Speed Switching Applications
1SS302 TOSHIBA-1SS302_07 Datasheet
215Kb / 3P
   Ultra High Speed Switching Applications
logo
Guangdong Kexin Industr...
1SS301 KEXIN-1SS301 Datasheet
43Kb / 1P
   ULTRA HIGH SPEED SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
HN4D02JU TOSHIBA-HN4D02JU Datasheet
179Kb / 3P
   Ultra High Speed Switching Applications
HN4D02JU TOSHIBA-HN4D02JU_14 Datasheet
201Kb / 3P
   Ultra High Speed Switching Applications
1SS361F TOSHIBA-1SS361F Datasheet
242Kb / 4P
   Ultra High Speed Switching Applications
1SS427 TOSHIBA-1SS427 Datasheet
222Kb / 4P
   Ultra-High Speed Switching Applications
1SS302T5LFH TOSHIBA-1SS302T5LFH Datasheet
199Kb / 3P
   Ultra High Speed Switching Applications
1SS302TE85LF TOSHIBA-1SS302TE85LF Datasheet
199Kb / 3P
   Ultra High Speed Switching Applications
1SS423 TOSHIBA-1SS423 Datasheet
133Kb / 3P
   Ultra-High-Speed Switching Applications
logo
Guangdong Kexin Industr...
1SS308 KEXIN-1SS308 Datasheet
35Kb / 1P
   Ultra High Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com