Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV2568L-10KLI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61LV2568L-10KLI
Description  256K x 8 HIGH-SPEED CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV2568L-10KLI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61LV2568L-10KLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV2568L-10KLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV2568L-10KLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV2568L-10KLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV2568L-10KLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV2568L-10KLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV2568L-10KLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV2568L-10KLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV2568L-10KLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IS61LV2568L
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
04/28/08
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
CI/O
Input/Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 3.3V.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
Symbol
Parameter
Test Conditions
Min. Max.
Min. Max.
Unit
ICC
VDD Operating
VDD = Max.,
CE = VIL
Com.
65
60
mA
Supply Current
IOUT = 0 mA, f = Max.
Ind.
65
typ.(2)
—50
50
ISB1
TTL Standby
VDD = Max.,
Com.
30
25
mA
Current
VIN = VIH or VIL
Ind.
30
(TTL Inputs)
CE
≥ VIH, f = max
ISB2
CMOS Standby
VDD = Max.,
Com.
3
3
mA
Current
CE
≥ VDD – 0.2V,
Ind.
4
mA
(CMOS Inputs)
VIN
≥ VDD – 0.2V, or
typ.(2)
700
700
μA
VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD=3.3V, TA=250C. Not 100% tested.


Similar Part No. - IS61LV2568L-10KLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV2568L-10KLI ISSI-IS61LV2568L-10KLI Datasheet
75Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV2568L-10KLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV2568L ISSI-IS61LV2568L Datasheet
75Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS61LV2568L-10TL-TR ETC2-IS61LV2568L-10TL-TR Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV2568 ISSI-IS61LV2568 Datasheet
88Kb / 8P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568 ISSI-IS61LV2568_03 Datasheet
45Kb / 9P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Integrated Silicon Solu...
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com