Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61WV102416BLL Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61WV102416BLL
Description  1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV102416BLL Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61WV102416BLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV102416BLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV102416BLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV102416BLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV102416BLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV102416BLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV102416BLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV102416BLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV102416BLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev.  F
05/09/12
IS61WV102416ALL
IS61WV102416BLL
IS64WV102416BLL
ABSOLUTE MAXIMUM RATINGS(1)
  Symbol  Parameter 
Value 
Unit
  Vterm
TerminalVoltagewithRespecttoGND
–0.5toVdd+0.5
V
Vdd
VddRelatestoGND
–0.3to4.0
V
tstg
StorageTemperature
–65to+150
°C
Pt
PowerDissipation
1.0
W
Notes:
1.StressgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycausepermanentdamageto
thedevice.Thisisastressratingonlyandfunctionaloperationofthedeviceattheseoranyotherconditions
abovethoseindicatedintheoperationalsectionsofthisspecificationisnotimplied.Exposuretoabsolute
maximumratingconditionsforextendedperiodsmayaffectreliability.
CAPACITANCE(1,2)
  Symbol 
Parameter 
Conditions 
Max. 
Unit
  Cin
InputCapacitance
Vin=0V
6
pF
C
i/O
Input/OutputCapacitance
VOut=0V
8
pF
Notes:
1.Testedinitiallyandafteranydesignorprocesschangesthatmayaffecttheseparameters.
2. Testconditions:Ta=25°C,f=1MHz,Vdd=3.3V.
TRUTH TABLE
I/O PIN
  Mode 
WE
CE
OE
LB
UB
I/O0-I/O7 
I/O8-I/O15 
VDD Current
  NotSelected
X
H
X
X
X
High-Z
High-Z
isb1,isb2
OutputDisabled
H
L
H
X
X
High-Z
High-Z
iCC
X
L
X
H
H
High-Z
High-Z
Read
H
L
L
L
H
dOut
High-Z
iCC
H
L
L
H
L
High-Z
dOut
H
L
L
L
L
dOut
dOut
Write
L
L
X
L
H
din
High-Z
iCC
L
L
X
H
L
High-Z
din
L
L
X
L
L
din
din


Similar Part No. - IS61WV102416BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV102416BLL ISSI-IS61WV102416BLL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416BLL ISSI-IS61WV102416BLL Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416BLL-10MI ISSI-IS61WV102416BLL-10MI Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416BLL-10MI ISSI-IS61WV102416BLL-10MI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416BLL-10MLI ISSI-IS61WV102416BLL-10MLI Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61WV102416BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com