Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LF25636A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61LF25636A
Description  256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF25636A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61LF25636A_10 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LF25636A_10 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LF25636A_10 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LF25636A_10 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LF25636A_10 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF25636A_10 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF25636A_10 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF25636A_10 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF25636A_10 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
Integrated Silicon Solution, Inc.
Rev.  H
07/22/2010
 IS61/64LF25636A   IS61LF51218A   IS61VF25636A   IS61VF51218A
PIN DESCRIPTIONS
165 PBGA PACKAGE PIN CONFIGURATION
256k x 36 (TOP VIEW)
Note: *A0andA1arethetwoleastsignificantbits(LSB)oftheaddressfieldandsettheinternalburstcounterifburstisdesired.
1
2
3
4
5
6
7
8
9
10
11
A
NC
A
CE
BWc
BWb
CE2
BWE
ADSC
ADV
A
NC
B
NC
A
CE2
BWd
BWa
CLK
GW
OE
ADSP
A
NC
C
DQPc
NC
Vddq
Vss
Vss
Vss
Vss
Vss
Vddq
Nc
DQPb
D
DQc
DQc
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
DQb
DQb
E
DQc
DQc
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
DQb
DQb
F
DQc
DQc
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
DQb
DQb
G
DQc
DQc
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
DQb
DQb
H
NC
Vss
NC
Vdd
Vss
Vss
Vss
Vdd
Nc
Nc
ZZ
J
DQd
DQd
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
dqa
dqa
K
DQd
DQd
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
dqa
dqa
L
DQd
DQd
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
dqa
dqa
M
DQd
DQd
Vddq
Vdd
Vss
Vss
Vss
Vdd
Vddq
dqa
dqa
N
DQPd
NC
Vddq
Vss
NC
NC
NC
Vss
Vddq
NC
DQPa
P
NC
NC
A
A
TDI
A1*
TDO
A
A
A
A
R
MODE
NC
A
A
TMS
A0*
TCK
A
A
A
A
Symbol 
Pin Name
A
AddressInputs
A0,A1
SynchronousBurstAddressInputs
ADV
SynchronousBurstAddress
Advance
ADSP
AddressStatusProcessor
ADSC
AddressStatusController
GW
GlobalWriteEnable
CLK
SynchronousClock
CE
,CE2,CE2
SynchronousChipSelect
BW
x(x=a,b,c,d) SynchronousByteWrite
Controls
Symbol 
Pin Name
BWE
ByteWriteEnable
OE
OutputEnable
ZZ
PowerSleepMode
MODE
BurstSequenceSelection
TCK,TDO
JTAGPins
TMS,TDI
NC
NoConnect
DQx
DataInputs/Outputs
DQPx
DataInputs/Outputs
Vdd
3.3V/2.5VPowerSupply
Vddq
IsolatedOutputPowerSupply
3.3V
/2.5V
Vss
Ground


Similar Part No. - IS61LF25636A_10

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A-6.5B2 ISSI-IS61LF25636A-6.5B2 Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A-6.5B2I ISSI-IS61LF25636A-6.5B2I Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A-6.5B3 ISSI-IS61LF25636A-6.5B3 Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A-6.5B3I ISSI-IS61LF25636A-6.5B3I Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25636A-6.5TQ ISSI-IS61LF25636A-6.5TQ Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF25636A_10

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF25636A ISSI-IS61LF25636A Datasheet
206Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF25672A ISSI-IS61LF25672A Datasheet
276Kb / 35P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com