Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8064 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL8064
Description  200mA Low Consumption Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8064 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL8064 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8064 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8064 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8064 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8064 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8064 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8064 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8064 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8064 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.belling.com.cn
5
BL8064
TYPICAL PERFORMANCE CHARACTERISTICS
1.Load regulation (Vin=4V)
2.Line regulation
3.Dropout Voltage
4.PSRR
5.Iq (Vout=2.8V)
6.Current limit
2.0
2.2
2.4
2.6
2.8
3.0
0
100
200
300
Iout(mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
3
6
9
12
Vin(V)
Iout=1mA
Iout=10mA
0
200
400
600
800
0
50
100
150
200
250
300
Iout(mA)
Vout=2.8V
0
20
40
60
80
1
10
100
1000
10000
Freq(Hz)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
3
6
9
12
Vin(V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
Iout(mA)


Similar Part No. - BL8064

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8064 BELLING-BL8064 Datasheet
1Mb / 9P
   200mA Low Consumption Linear Regulator
BL8064CB3ABG111 BELLING-BL8064CB3ABG111 Datasheet
1Mb / 9P
   200mA Low Consumption Linear Regulator
BL8064CB3ABG151 BELLING-BL8064CB3ABG151 Datasheet
1Mb / 9P
   200mA Low Consumption Linear Regulator
BL8064CB3ABG551 BELLING-BL8064CB3ABG551 Datasheet
1Mb / 9P
   200mA Low Consumption Linear Regulator
BL8064CB3ATR111 BELLING-BL8064CB3ATR111 Datasheet
1Mb / 9P
   200mA Low Consumption Linear Regulator
More results

Similar Description - BL8064

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE507C ACE-ACE507C Datasheet
635Kb / 9P
   200mA Low Consumption Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8060 BELLING-BL8060 Datasheet
660Kb / 10P
   200mA Low Consumption Linear Regulator
BL8064 BELLING-BL8064_14 Datasheet
1Mb / 9P
   200mA Low Consumption Linear Regulator
logo
Leshan Radio Company
LR8064 LRC-LR8064 Datasheet
527Kb / 8P
   200mA Low Consumption Linear Regulator
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
   200mA Low Consumption Linear Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Torex Semiconductor
XC62FJ TOREX-XC62FJ Datasheet
413Kb / 16P
   10V Input, 200mA Low Consumption Current Regulator
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
   250mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE517C ACE-ACE517C Datasheet
923Kb / 9P
   2A Low Consumption Linear Regulator
VER 1.2
logo
Shenzhen Huazhimei Semi...
HM6119 HMSEMI-HM6119 Datasheet
1Mb / 7P
   2A Low Consumption Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com