Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8022CB5TR Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8022CB5TR
Description  800mA 1.5MHz 7V Synchronous Buck Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8022CB5TR Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8022CB5TR Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8022CB5TR Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8022CB5TR Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8022CB5TR Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8022CB5TR Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8022CB5TR Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8022CB5TR Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.belling.com.cn
4
BL8022
Output Ripple and SW at no load
Vin=5V / Vout=2.5V
Output Ripple and SW at 1A load
Vin=5V / Vout=2.5V
BLOCK DIAGRAM
+
-
0.6V Ref
PWM
Logic
Anti-
ShootThrough
Driver
+
-
EA
+
-
Slope Comp
OSC
Σ
SW
GND
UVLO &
Thermal
shutdown
Vcomp
ISense
Comp
Network
FB
EN
IN


Similar Part No. - BL8022CB5TR

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
   1.2A 1.5MHz 7V Synchronous Buck Converter
BL8021 BELLING-BL8021 Datasheet
501Kb / 7P
   1.2A 1.5MHz Synchronous Buck Converter
BL8021CB5TR BELLING-BL8021CB5TR Datasheet
492Kb / 7P
   1.2A 1.5MHz 7V Synchronous Buck Converter
BL8021CB5TR BELLING-BL8021CB5TR Datasheet
501Kb / 7P
   1.2A 1.5MHz Synchronous Buck Converter
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
   1.2A 1.5MHz Synchronous Buck Converter
More results

Similar Description - BL8022CB5TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
   1.2A 1.5MHz 7V Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8026 BELLING-BL8026 Datasheet
793Kb / 6P
   1.2A 1.5MHz 7V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C Datasheet
402Kb / 9P
   1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
   1.2A 1.5MHz 7V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C_14 Datasheet
552Kb / 9P
   1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.5
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
   800mA 1.5MHz Synchronous Step-Down Converter
April 2021
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
   Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com