Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61DDPB21M18A Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61DDPB21M18A
Description  1Mx18, 512Kx36 18Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDPB21M18A Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61DDPB21M18A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDPB21M18A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDPB21M18A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61DDPB21M18A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61DDPB21M18A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61DDPB21M18A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61DDPB21M18A Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61DDPB21M18A Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61DDPB21M18A Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
IS61DDPB21M18A/A1/A2
IS61DDPB251236A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. 00A
7/05/2012
11
State Diagram
Power-Up
NOP
Load New Read Address
DDR-II Read
DDR-II Write
Load
Load
Load
Read
Write
/LOAD
/LOAD
/Load
Notes:
1.
Internal burst counter is fixed as two-bit linear; that is, when first address is A0+0, next internal burst address is A0+1.
2.
Read refers to read active status with R/W# = High.
3.
Write refers to write active status with R/W# = LOW.
4.
Load refers to read new address active status with LD# = low.
5.
Load is read new address inactive status with LD = high.


Similar Part No. - IS61DDPB21M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDPB21M36A/A1/A2 ISSI-IS61DDPB21M36A/A1/A2 Datasheet
527Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDPB21M36B ISSI-IS61DDPB21M36B Datasheet
889Kb / 31P
   1Mx36 and 2Mx18 configuration available
IS61DDPB21M36B1 ISSI-IS61DDPB21M36B1 Datasheet
889Kb / 31P
   1Mx36 and 2Mx18 configuration available
IS61DDPB21M36B2 ISSI-IS61DDPB21M36B2 Datasheet
889Kb / 31P
   1Mx36 and 2Mx18 configuration available
More results

Similar Description - IS61DDPB21M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDP2B21M18A ISSI-IS61DDP2B21M18A Datasheet
534Kb / 31P
   1Mx18, 512Kx36 18Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
IS61DDPB41M18A ISSI-IS61DDPB41M18A Datasheet
574Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDP2B41M18A ISSI-IS61DDP2B41M18A Datasheet
578Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDB41M18A ISSI-IS61DDB41M18A Datasheet
488Kb / 30P
   1Mx18, 512Kx36 18Mb DDR-II (Burst 4) CIO SYNCHRONOUS SRAM
IS61DDP2B22M18A ISSI-IS61DDP2B22M18A Datasheet
534Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
IS61DDPB22M18A ISSI-IS61DDPB22M18A Datasheet
527Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDPB24M18A ISSI-IS61DDPB24M18A Datasheet
527Kb / 31P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B42M18A ISSI-IS61DDP2B42M18A Datasheet
578Kb / 32P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDP2B44M18A ISSI-IS61DDP2B44M18A Datasheet
549Kb / 32P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB42M18A ISSI-IS61DDPB42M18A Datasheet
573Kb / 32P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com