Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2300Q Datasheet(PDF) 11 Page - Sony Corporation

Part # CXD2300Q
Description  8-bit 18MSPS Video A/D Converter with 3.3V Power Supply Operation Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2300Q Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD2300Q Datasheet HTML 6Page - Sony Corporation CXD2300Q Datasheet HTML 7Page - Sony Corporation CXD2300Q Datasheet HTML 8Page - Sony Corporation CXD2300Q Datasheet HTML 9Page - Sony Corporation CXD2300Q Datasheet HTML 10Page - Sony Corporation CXD2300Q Datasheet HTML 11Page - Sony Corporation CXD2300Q Datasheet HTML 12Page - Sony Corporation CXD2300Q Datasheet HTML 13Page - Sony Corporation CXD2300Q Datasheet HTML 14Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
—11—
CXD2300Q
2. This IC uses an offset cancel type comparator and the comparator operates synchronously with an
external clock. These modes are respectively indicated on the timing chart with S, H, C symbols. That is,
the comparator performs input sampling (auto zero) mode, input hold mode and comparison mode using
the external clock.
3. The operation of respective parts is as indicated in the chart. For instance input voltage Vi (1) is sampled
with the falling edge of the first clock by means of the upper comparator block and the lower comparator A
block.
The upper comparators block finalizes comparison data MD (1) with the rising edge of the first clock.
Simultaneously the reference supply generates the lower reference voltage RV (1) that corresponded to
the upper results. The lower comparator block finalizes comparison data LD (1) with the rising edge of the
second clock. MD (1) and LD (1) are combined and output as Out (1) with the rising edge of the 3rd clock.
Accordingly there is a 2.5 clock delay from the analog input sampling point to the digital data output.
Operation Notes
1. Power supply and ground
To reduce noise effects, separate the analog and digital systems close to the device. For both the digital
and analog power supply pins, use a ceramic capacitor of about 0.1 µF set as close as possible to the pin
to bypass to the respective grounds.
2. Analog input
Compared with the flash type A/D converter, the input capacitance of the analog input is rather small.
However it is necessary to conduct the drive with an amplifier featuring sufficient band and drive capability.
When driving with an amplifier of low output impedance, parasite oscillation may occur. That may be
prevented by inserting a resistance of about 100
Ω in series between the amplifier output and A/D input.
3. Clock input
The clock line wiring should be as short as possible also, to avoid any interference with other signals,
separate it from other circuits.
4. Reference input
Voltage between VRT to VRB is compatible with the dynamic range of the analog input. Bypassing VRT and
VRB pins to analog ground, by means of a capacitor about 0.1 µF, the stable characteristics of the
reference voltage are obtained. By shorting VRT and VRTS, VRB and VRBS, the self-bias function that
generates VRT = about 1.8 V and VRB = about 0.4 V, is activated.
5. Timing
Analog input is sampled with the falling edge of CLK and output as digital data with a delay of 2.5 clocks
and with the following rising edge. The delay from the clock rising edge to the data output is about 18 ns.
6. OE pin
By connecting OE to DVSS output mode is obtained. By connecting OE to DVDD high impedance is
obtained.


Similar Part No. - CXD2300Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2301Q SONY-CXD2301Q Datasheet
473Kb / 23P
   8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp
CXD2302 SONY-CXD2302 Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
   8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
CXD2304 SONY-CXD2304 Datasheet
249Kb / 15P
   8-bit 20 MSPS RGB 3-Channel D/A Converter
More results

Similar Description - CXD2300Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2300 INTERSIL-HI2300 Datasheet
96Kb / 8P
   8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
August 1997
logo
Sony Corporation
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
   8-Bit, 50MSPS, Video A/D Converter with Clamp Function
logo
Sony Corporation
CXD1179Q SONY-CXD1179Q Datasheet
202Kb / 14P
   8-bit 35MSPS Video A/D Converter with Clamp Function
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
   Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
logo
Sony Corporation
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
   8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com